Electronic Components Datasheet Search
  English  ▼

X  

GD3160 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # GD3160
Description  Advanced IGBT/SiC gate driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

GD3160 Datasheet(HTML) 2 Page - NXP Semiconductors

  GD3160 Datasheet HTML 1Page - NXP Semiconductors GD3160 Datasheet HTML 2Page - NXP Semiconductors GD3160 Datasheet HTML 3Page - NXP Semiconductors GD3160 Datasheet HTML 4Page - NXP Semiconductors GD3160 Datasheet HTML 5Page - NXP Semiconductors GD3160 Datasheet HTML 6Page - NXP Semiconductors GD3160 Datasheet HTML 7Page - NXP Semiconductors GD3160 Datasheet HTML 8Page - NXP Semiconductors GD3160 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 114 page
background image
NXP Semiconductors
GD3160
Advanced IGBT/SiC gate driver
2 Features and benefits
This section summarizes the key features, safety features, and regulatory approvals for the GD3160.
2.1 Key features
• Integrated Galvanic signal isolation (up to 8 kV)
• High gate current integrated: 15 A source/sink capable
• SPI interface for safety monitoring, configuration, and diagnostic reporting
• Supports high switching frequencies: PWM up to 100 kHz
• Fail-safe state management from LV and HV domain for user-selectable safe state
• Programmable gate voltage regulator
• Temperature sense compatible with diode-based temperature sensors, NTC and PTC thermistors
• Configurable desaturation and current sense optimized for protecting SiC and IGBTs
• Integrated soft shutdown, two-level turn-off, optimized for unique gate drive requirements of SiC
• Real-time VCE and VGE reporting via INTA pin
• Integrated ADC for monitoring parameters from HV domain
• CMTI > 100 V/ns
• Compatible with 200 to 1700 V IGBT/SiC, power range > 125 kW
• Operating temperature range −40 to 125 °C
• Available in 5.0 or 3.3 V logic interface variants
• Small package footprint (10 mm x 11 mm) 32-pin SOIC
2.2 Safety features
• Certified compliant with ISO 26262, supporting ASIL D level functional safety
• Error checking of SPI and configuration data with 8-bit CRC
• Autonomously manages severe faults and reports status via configurable INTB and/or INTA pins, and SPI
interface
• Current, DESAT, and temperature sense inputs and ADC reporting for IGBT/SiC monitoring and protection
• Interrupt pins (INTA and INTB) for fast response to faults
• Built-in self-check of all analog and digital circuits
• Continuous watchdog of communications across isolation barrier
• Deadtime enforcement
• Over- and undervoltage supervision of all power supplies on both low- and high-voltage sides
• Dedicated fail-safe state management pins on both low- and high-voltage sides
• VGE real-time cycle-by-cycle monitoring
2.3 Safety and regulatory approvals
• Reinforced isolation per DIN V VDE V 0884-10
• Withstand 5000 V rms (1 minute) isolation per UL 1577
• AEC-Q100 grade 1 automotive qualified
GD3160
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 6 May 2024
2 / 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com