Electronic Components Datasheet Search
  English  ▼

X  

GD3160 Datasheet(PDF) 49 Page - NXP Semiconductors

Part # GD3160
Description  Advanced IGBT/SiC gate driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

GD3160 Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button GD3160 Datasheet HTML 45Page - NXP Semiconductors GD3160 Datasheet HTML 46Page - NXP Semiconductors GD3160 Datasheet HTML 47Page - NXP Semiconductors GD3160 Datasheet HTML 48Page - NXP Semiconductors GD3160 Datasheet HTML 49Page - NXP Semiconductors GD3160 Datasheet HTML 50Page - NXP Semiconductors GD3160 Datasheet HTML 51Page - NXP Semiconductors GD3160 Datasheet HTML 52Page - NXP Semiconductors GD3160 Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 114 page
background image
NXP Semiconductors
GD3160
Advanced IGBT/SiC gate driver
aaa-037335
R1
R3
C1
Collector
Emitter
GND2
ISENSE
OCTH[2:0]
Over current
sense threshold
OCFILT[2:0]
Over current filter
oc
Over current detect
Short circuit detect
SCTH[2:0]
SC Threshold level
SC
comparator
OC
comparator
SET
CLR
S
reset via SPI
R
Q
Q
tOC_FILT,
OC filter
0.5 to 4.0 µs
SCFILT[2:0]
SC filter time
SCFF[0]
SC “Fast filter mode
sc
(reported via INT
and SPI,
forces soft shutdown)
2LTOen
(activates 2LTO)
SET
CLR
S
reset via SPI
R
Q
Q
tSC_FILT,
SC filter
0.1 to 1.1 µs
t2LTO_FILT,
2LTO deglitch
filter
fixed 40 ns
OCTH 0.25 to 2.0 V
SCTH 0.5 to 3.0 V
R2
Figure 17. Short-circuit and overcurrent detection block diagram
Implementing short-circuit and overcurrent protection with this circuitry is fairly straightforward. R1, R2, SCTH,
and OCTH are selected based on the IGBT's current sense ratio and the desired SC and OC fault thresholds.
The SC and OC fault thresholds are set to less than the IGBT's expected VCE(sat).
The circuit responds differently to a short-circuit versus an overcurrent fault. If the short-circuit comparator
trips for longer than t2LTO_FILT, the GD3160 initiates a 2LTO by immediately reducing the IGBT's VGE to a lower
value. If the comparator remains tripped for a programmable duration (tSC_FILT), then the fault is latched and the
IGBT is turned off by the SSD circuitry. If the comparator does not remain tripped, the gate-drive transistor GH
turns on once again and returns VGE to its normal on-state voltage. For full short-circuit protection performance,
enabling both 2LTO and SSD is recommended to achieve the described operation.
GD3160
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 6 May 2024
49 / 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com