Electronic Components Datasheet Search
  English  ▼

X  

GD3160 Datasheet(PDF) 67 Page - NXP Semiconductors

Part # GD3160
Description  Advanced IGBT/SiC gate driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

GD3160 Datasheet(HTML) 67 Page - NXP Semiconductors

Back Button GD3160 Datasheet HTML 63Page - NXP Semiconductors GD3160 Datasheet HTML 64Page - NXP Semiconductors GD3160 Datasheet HTML 65Page - NXP Semiconductors GD3160 Datasheet HTML 66Page - NXP Semiconductors GD3160 Datasheet HTML 67Page - NXP Semiconductors GD3160 Datasheet HTML 68Page - NXP Semiconductors GD3160 Datasheet HTML 69Page - NXP Semiconductors GD3160 Datasheet HTML 70Page - NXP Semiconductors GD3160 Datasheet HTML 71Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 114 page
background image
NXP Semiconductors
GD3160
Advanced IGBT/SiC gate driver
11.11.2 Features
One of the three temperature sense circuits monitors the VDD regulator temperature on the low-voltage domain.
A circuit on the high-voltage domain monitors the temperature near the GH drive transistor, the VCCREG pass
transistor, and the VREF regulator. A second circuit on the high-voltage domain monitors the temperature near
the GL and AMC transistors.
Any of the three temperature sensors can trigger an overtemperature shutdown of the IC. When the GD3160's
temperature reaches its overtemperature shutdown threshold, TOTSDth, the GD3160 reports the condition at the
INTB pin and in the OTSD_IC bit in the STATUS1 register.
Regardless of the fault's source, an overtemperature signal disables PWMing by turning off the GH transistor
and turning on the GL and AMC transistors (if the AMC feature is enabled). If the condition is detected on the
high-voltage domain, the GD3160 turns off GH, VCCREG and VREF. If the VDD regulator is reporting the
condition, the VDD regulator remains on. This leaves open the possibility that the MCU can manage the fault.
All overtemperature shutdown circuits have a low pass filter, tOTICfilt; its nominal value is 20 μs. The specification
is provided in the Section 9.3.
There are two ways to read the voltage reported by the GH temperature sensor.
1. Send a REQADC SPI command requesting GH die temperature in AMUX_SEL[2:0] bits
2. Configure the AOUT pin to report die temperature at 5.6 kHz using the AOUT configuration bits in the
CONFIG5 and CONFIGAOUT registers.
Figure 33 shows the block diagram of the temperature sensing circuitry on the GD3160.
Figure 33. GD3160 overtemperature block diagram
The internal die temperature at GH can be determined by Equation 2.
(2)
GD3160
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 6 May 2024
67 / 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com