Electronic Components Datasheet Search
  English  ▼

X  

GD3160 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # GD3160
Description  Advanced IGBT/SiC gate driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

GD3160 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button GD3160 Datasheet HTML 3Page - NXP Semiconductors GD3160 Datasheet HTML 4Page - NXP Semiconductors GD3160 Datasheet HTML 5Page - NXP Semiconductors GD3160 Datasheet HTML 6Page - NXP Semiconductors GD3160 Datasheet HTML 7Page - NXP Semiconductors GD3160 Datasheet HTML 8Page - NXP Semiconductors GD3160 Datasheet HTML 9Page - NXP Semiconductors GD3160 Datasheet HTML 10Page - NXP Semiconductors GD3160 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 114 page
background image
NXP Semiconductors
GD3160
Advanced IGBT/SiC gate driver
7 Pinning information
7.1 Pinning
GD3160
VCC
CLAMP
DESAT
TSENSEA
FSISO
GH
GL
AMC
ISENSE
VREF
AMUXIN
GND2
GND2
VEE
VCCREG
VEE
FSSTATE
AOUT
PWMALT
PWM
INTB
INTA
GND1
FSENB
VSUP
aaa-034956
NC2
VDD
CSB
SCLK
MISO
MOSI
GND1
Figure 3. Pinout diagram
7.2 Pin description
Pin number
Pin name
Pin type
Definition
Comments
Pins 1 to 16 (low-voltage, non-isolated pins)
1
VSUP
Input/power
Primary power supply
for non-isolated low-
voltage (LV) domain.
Main supply input is compatible with 12 V automotive battery range/transients,
referenced to GND1. VSUP may either be (1) driven by 12V, or (2) tied to
VDD and powered by an external, post-regulated 5 V supply.
2
NC2
No connect
No connection.
NC2 must be connected to GND1.
3
VDD
Input-output/
power
Power supply for non-
isolated low-voltage
(LV) logic.
Main supply for logic on LV domain, referenced to GND1. VDD may either be
(1) regulated internally to 3.3 V or 5.0 V from VSUP, or (2) tied to VSUP and
powered by an external, post-regulated 5 V supply.
4
CSB
Input/digital
SPI chip select.
Active low CSB activates SPI link and framing.
5, 16
GND1
Ground 1
Ground for non-
isolated (LV) domain
power and logic.
Redundant GND1 pins provide ground reference for all non-isolated low-
voltage (LV) domain signals. Isolated from all circuitry referenced to GND2.
6
MOSI
Input/digital
SPI MOSI pin.
Input data for GD3160 SPI. MOSI data latches on rising edge of SCLK, MSB
first. Internal passive pulldown to GND1.
7
MISO
Output/digital
SPI MISO pin.
Data output for GD3160 SPI. GD3160 outputs MISO on falling edge of SCLK,
MSB first.
8
SCLK
Input/digital
SPI clock.
GD3160 acknowledges SPI clock only when CSB is low. Internal passive
pulldown to GND1.
9
INTB
Output/Dgital
Interrupt/Fault status
output.
INTB reports fault with active low (logic 0 reports fault). Internal passive pullup
to VDD.
10
PWM
Input/digital
PWM control
command for gate
output.
Logic high turns on power device gate. PWM pin is ignored during fail-safe,
configuration, BIST, reset, and most fault modes. Internal passive pull down to
GND1.
11
PWMALT
Input/digital
Complementary PWM
command for gate
output.
Complementary PWMALT enforces deadtime constraint and prevents
accidental shoot-through condition. Connect to GND1 if unused. Internal
passive pull up to VDD.
12
AOUT
Output/analog
Duty-cycle encoded
output of isolated ADC.
5.0 V, 3.9 kHz (or multiplexed with 5.6 kHz) readout is configurable by SPI.
Pin left open if unused.
Table 2. Pin definitions
GD3160
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 6 May 2024
7 / 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com