Electronic Components Datasheet Search
  English  ▼

X  

GD3160 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # GD3160
Description  Advanced IGBT/SiC gate driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

GD3160 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button GD3160 Datasheet HTML 8Page - NXP Semiconductors GD3160 Datasheet HTML 9Page - NXP Semiconductors GD3160 Datasheet HTML 10Page - NXP Semiconductors GD3160 Datasheet HTML 11Page - NXP Semiconductors GD3160 Datasheet HTML 12Page - NXP Semiconductors GD3160 Datasheet HTML 13Page - NXP Semiconductors GD3160 Datasheet HTML 14Page - NXP Semiconductors GD3160 Datasheet HTML 15Page - NXP Semiconductors GD3160 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 114 page
background image
NXP Semiconductors
GD3160
Advanced IGBT/SiC gate driver
8.4 Isolation and safety related specifications
Symbol
Description (Rating)
Value
Unit
MGD3160AM515EK, MGD3160AM535EK, MGD3160AM315EK and MGD3160AM335EK
CLR
External clearance distance
[1]
> 7.72
mm
CPG
External creepage distance
[2]
> 7.72
mm
DTI
Internal clearance (Gap) distance through insulation
> 80
µm
CTI
Comparative tracking index
[3]
> 400
V
MGroup
Material (isolation) group
[4]
II
—
IEC150
IEC300
IEC600
Installation classification
Mains voltage ≤ 150 VRMS
Mains voltage ≤ 300 VRMS
Mains voltage ≤ 600 VRMS
[5]
I to IV
I to III
I to II
—
MGD3160AM518EK, MGD3160AM538EK, MGD3160AM318EK and MGD3160AM338EK
CLR
External clearance distance
[1]
> 8.00
mm
CPG
External creepage distance
[2]
> 8.00
mm
DTI
Internal clearance (Gap) distance through insulation
> 80
µm
CTI
Comparative tracking index
[3]
> 600
V
MGroup
Material (isolation) group
[4]
I
—
IEC150
IEC300
IEC600
Installation classification
Mains voltage ≤ 150 VRMS
Mains voltage ≤ 300 VRMS
Mains voltage ≤ 600 VRMS
[5]
I to IV
I to III
I to II
—
Table 7. Insulation specifications
[1]
per IEC 60950-1 Table 2K
[2]
per IEC 60950-1 Table 2N
[3]
per DIN IEC 112/VDE 0303 Part 1
[4]
per IEC 60664-1
[5]
per IEC 60664-1 Table F.1
Symbol
Description (Rating)
Value
Units
CCLASS
Climatic classification
40/125/21
—
PDEGREE
Pollution degree
2
—
VIORM
Maximum repetitive peak isolation voltage
1500
Vpk
VIOWM
Maximum working isolation voltage
1060
VRMS
VIOTM
Maximum transient isolation voltage
[1]
4000
Vpk
VIOTM
Maximum transient isolation voltage
[2]
8000
Vpk
VIOSM
Maximum surge isolation voltage
[3]
10000
Vpk
Input to output test voltage 100 % test method B1
[4]
2812
Vpk
Input to output test voltage type test method A
[5]
2400
Vpk
VPD(m)
Input to output test voltage type test subgroups 1 to 3
[6]
1800
Vpk
CIO
Barrier capacitance, input to output
< 3
pF
RIO
Insulation resistance at Ts, VIO = 500 V
> 109
Ω
TS
Maximum junction temperature
150
°C
PS
Safe total dissipated power
0.38
W
VISO
Withstand isolation voltage (1 minute)
[7]
5000
VRMS
Table 8. DIN V VDE 0884-10 (VDE V 0884-10) insulation characteristics
[1]
For part numbers MGD3160AM515EK, MGD3160AM535EK, MGD3160AM315EK, and MGD3160AM335EK
[2]
For part numbers MGD3160AM518EK, MGD3160AM538EK, MGD3160AM318EK, and MGD3160AM338EK
GD3160
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 6 May 2024
12 / 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com