Electronic Components Datasheet Search
  English  ▼

X  

GD3160 Datasheet(PDF) 90 Page - NXP Semiconductors

Part # GD3160
Description  Advanced IGBT/SiC gate driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

GD3160 Datasheet(HTML) 90 Page - NXP Semiconductors

Back Button GD3160 Datasheet HTML 86Page - NXP Semiconductors GD3160 Datasheet HTML 87Page - NXP Semiconductors GD3160 Datasheet HTML 88Page - NXP Semiconductors GD3160 Datasheet HTML 89Page - NXP Semiconductors GD3160 Datasheet HTML 90Page - NXP Semiconductors GD3160 Datasheet HTML 91Page - NXP Semiconductors GD3160 Datasheet HTML 92Page - NXP Semiconductors GD3160 Datasheet HTML 93Page - NXP Semiconductors GD3160 Datasheet HTML 94Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 114 page
background image
NXP Semiconductors
GD3160
Advanced IGBT/SiC gate driver
Rb/W
ADDR
[4:0]
DATA9
DATA8
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA1
DATA0
CRC
Bit #
[23]
[22:18]
[17]
[16]
[15]
[14]
[13]
[12]
[11]
[10]
[9]
[8]
[7:0]
REQUEST BIST
(command)
0
0x14
0
0
0
0
0
0
0
0
0
0
—
REQUEST BIST
(response)
0
0x14
REQBIST
[9]
REQBIST
[8]
REQBIST
[7]
REQBIST
[6]
REQBIST
[5]
REQBIST
[4]
REQBIST
[3]
REQBIST
[2]
REQBIST
[1]
REQBIST
[0]
—
Table 64. REQBIST request and response bit readout
Bit
Logic 1 indicates BIST failure in:
REQBIST[9]
DATA_IN, DATA_OUT communications link.
REQBIST[8]
LV domain LBIST, logic state machine, timers, or combinational logic.
REQBIST[7]
HV domain LBIST, logic state machine, timers, or combinational logic.
REQBIST[6]
Oscillator failure (LV or HV domain).
REQBIST[5]
DESAT and/or SEGDRV comparators.
REQBIST[4]
ISENSE short-circuit, overcurrent comparators.
REQBIST[3]
LV or HV domain overtemperature protection.
REQBIST[2]
ADC failure (HV domain).
REQBIST[1]
LV domain power management, diagnostics, UV/OV monitors.
REQBIST[0]
HV domain power management, diagnostics, UV/OV monitors.
Table 65. REQBIST bit descriptions
11.14.22 Device ID (ADDR = 0x15)
The ID registers provides revision and version information on the LV and HV domain die each.
Rb/W
ADDR
[4:0]
DATA9
DATA8
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA1
DATA0
CRC
Bit #
[23]
[22:18]
[17]
[16]
[15]
[14]
[13]
[12]
[11]
[10]
[9]
[8]
[7:0]
Name/Value
0
0x15
—
—
VDD3
LVDC[2]
LVDC[1]
LVDC[0]
FS3ST
HVDC[2]
HVDC[1]
HVDC[0]
—
Default
0
—
0
0
—
—
—
—
—
—
—
—
—
Table 66. ID register bit readout
Bits
Bit description
VDD3
VDD selection:
VDD3 = 1 VDD = 5 V
VDD3 = 0 VDD = 3 V
LVDC[2:0]
Low-voltage (LV) domain die revision number
LVDC[2:0] = '011'
FS3ST
FSISO Tristate selection:
FS3ST = 0 On state selected (default)
FS3ST = 1 3-state selected
HVDC[2:0]
High-voltage (HV) domain die revision number
HVDC[2:0] = '011'
Table 67. ID bit description
GD3160
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 6 May 2024
90 / 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com