Electronic Components Datasheet Search
  English  ▼

X  

GD3160 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # GD3160
Description  Advanced IGBT/SiC gate driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

GD3160 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button GD3160 Datasheet HTML 17Page - NXP Semiconductors GD3160 Datasheet HTML 18Page - NXP Semiconductors GD3160 Datasheet HTML 19Page - NXP Semiconductors GD3160 Datasheet HTML 20Page - NXP Semiconductors GD3160 Datasheet HTML 21Page - NXP Semiconductors GD3160 Datasheet HTML 22Page - NXP Semiconductors GD3160 Datasheet HTML 23Page - NXP Semiconductors GD3160 Datasheet HTML 24Page - NXP Semiconductors GD3160 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 114 page
background image
NXP Semiconductors
GD3160
Advanced IGBT/SiC gate driver
[2]
Design limit
[3]
AMC = VCC, AMC off
[4]
90 % PWM to 10 % VGE. Includes deglitch. Guaranteed by design.
[5]
90 % PWM to 90 % VGE. Includes deglitch. C = 2.0 nF. Guaranteed by design.
[6]
10 % PWM to 90 % VGE. Includes deglitch. Guaranteed by design.
[7]
10 % PWM to 10 % VGE. Includes deglitch. C = 2.0 nF. Guaranteed by design.
[8]
Guaranteed by design
[9]
Reference voltage is VCCREG
[10] Referenced to VEE; VAMC - VVEE
[11] VCCREG floating, pulldown gate current = 200 mA for 1 ms.
[12] TIME_2 is Timer scaling bit of MODE1 register
9.4 Current sense protection
VDD, VCC, VCCREG, VEE in regulation, TJ = −40 to 150 °C, unless otherwise specified. All voltages referenced to GND2. Currents are
positive into and negative out of the specified pins.
Symbol
Parameter
Min
Typ
Max
Unit
Short-circuit and overcurrent fault management
Short-circuit voltage threshold, SCTH = '000'
0.460
0.5
0.540
V
Short-circuit voltage threshold, SCTH = '001'
0.713
0.75
0.788
V
Short-circuit voltage threshold, SCTH = '010'
0.950
1.00
1.050
V
Short-circuit voltage threshold, SCTH = '011'
1.188
1.25
1.313
V
Short-circuit voltage threshold, SCTH = '100'
1.425
1.50
1.575
V
Short-circuit voltage threshold, SCTH = '101'
1.900
2.00
2.100
V
Short-circuit voltage threshold, SCTH = '110'
2.375
2.50
2.625
V
VSC_TH
Short-circuit voltage threshold, SCTH = '111'
2.850
3.00
3.150
V
t2LTO_FILT
Two-level turn-off filter time
80
100
120
ns
Short-circuit filter time, SCFF = '0', SCFILT = '000'
383
400
438
ns
Short-circuit filter time, SCFF = '0', SCFILT = '001'
480
500
541
ns
Short-circuit filter time, SCFF = '0', SCFILT = '010'
577
600
644
ns
Short-circuit filter time, SCFF = '0', SCFILT = '011'
674
700
747
ns
Short-circuit filter time, SCFF = '0', SCFILT = '100'
771
800
850
ns
Short-circuit filter time, SCFF = '0', SCFILT = '101'
868
900
953
ns
Short-circuit filter time, SCFF = '0', SCFILT = '110'
965
1000
1056
ns
tSC_FILT
Short-circuit filter time, SCFF = '0', SCFILT = '111'
1062
1100
1159
ns
Short-circuit filter time, SCFF = '1', SCFILT = '000'
92
100
129
ns
Short-circuit filter time, SCFF = '1', SCFILT = '001'
189
200
232
ns
Short-circuit filter time, SCFF = '1', SCFILT = '010'
286
300
335
ns
Short-circuit filter time, SCFF = '1', SCFILT = '011'
383
400
438
ns
Short-circuit filter time, SCFF = '1', SCFILT = '100'
480
500
541
ns
Short-circuit filter time, SCFF = '1', SCFILT = '101'
577
600
644
ns
Short-circuit filter time, SCFF = '1', SCFILT = '110'
674
700
747
ns
tSC_FILT
Short-circuit filter time, SCFF = '1', SCFILT = '111'
771
800
850
ns
Table 15. Short-circuit and overcurrent fault electrical characteristics
GD3160
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 6 May 2024
21 / 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com