Electronic Components Datasheet Search
  English  ▼

X  

GD3160 Datasheet(PDF) 96 Page - NXP Semiconductors

Part # GD3160
Description  Advanced IGBT/SiC gate driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

GD3160 Datasheet(HTML) 96 Page - NXP Semiconductors

Back Button GD3160 Datasheet HTML 92Page - NXP Semiconductors GD3160 Datasheet HTML 93Page - NXP Semiconductors GD3160 Datasheet HTML 94Page - NXP Semiconductors GD3160 Datasheet HTML 95Page - NXP Semiconductors GD3160 Datasheet HTML 96Page - NXP Semiconductors GD3160 Datasheet HTML 97Page - NXP Semiconductors GD3160 Datasheet HTML 98Page - NXP Semiconductors GD3160 Datasheet HTML 99Page - NXP Semiconductors GD3160 Datasheet HTML 100Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 114 page
background image
NXP Semiconductors
GD3160
Advanced IGBT/SiC gate driver
12 Operation
Get the GD3160 up and running in an application using the steps given in this section:
1. Power up the GD3160 safely into a zero-fault state per Section 12.1.
2. Run BIST upon initialization per Section 12.2.
• If BIST is run on power down, skip this step.
3. The GD3160 now may be safely used in the default configuration now, as detailed in Section 12.3.
4. Configure the GD3160 for an application using SPI and return to normal operation, according to
Section 12.4.
5. Exceptions to normal operation are given by fault reactions described in Section 12.5.
6. Manage the system safe state with fail-safe controls and modes given to Section 12.6.
12.1 GD3160 power-up sequence
The following sequence can be used as a guideline for powering up the GD3160.
1. Bring up VSUP/VDD to power up the LV domain properly. Passive pullup/pulldown on input pins ensure a
safe state.
2. Configure all MCU I/O connected to the GD3160.
a. Set CSB, FSENB = Logic 1.
b. Set MOSI, PWM, FSSTATE = Logic 0.
c. Set MCU pins seeing GD3160’s INTB, INTA, and AOUT pins to be inputs.
3. Confirm LV domain is working properly without faults, while HV domain is still unpowered.
a. Verify the following to confirm GD3160 is in the right state (WAIT state) and working properly:
i. INTB = Logic 0
ii. AOUT duty cycle is d = 5 % (before HV domain is powered up)
iii. AOUT period is 4 kHz ±3 % (verifies GD3160 internal clock)
b. Read SPI registers to ensure no faults on LV domain:
i. Check STATUS2 register to ensure VDD is properly powered up (no VDD_UVOV fault) and that
there are no errors in SPI communication (no SPIERR fault).
ii. Check for LV die OTSD_IC fault by reading STATUS1
iii. A watchdog fault (WDOG_FLT) is acceptable at this point, since we have not powered the HV
domain, the LV/HV domain communications will not yet work.
c. Confirm correct pin states on LV domain I/O pins:
• Read STATUS3 register to confirm PWM, PWMALT, FSENB, FSSTATE, and INTB pins are in the
correct states.
4. Enable the DC-DC converter that powers the HV domain (VCC) to complete the power-up sequence, and
clear/diagnose any faults upon completing power up.
a. Enable the power supply supplying VCC, and wait for the supply/regulators to stabilize.
b. Output pins indicate when HV domain is powered and working properly (GD3160 is in NORMAL mode):
i. AOUT reports the voltage on TSENSEA, duty cycle is between 10 % and 90 % (no longer reporting
5 %).
ii. INTB = Logic 1 indicates there are no faults present.
iii. If INTB = 0 still at this step, there are faults to clear.
c. Read SPI status registers to ensure no faults persist after full power up. INTB = 1 indicates there are no
faults or all faults were cleared.
i. Check STATUS2 register and clear any latched watchdog faults (WDOG_FLT) remaining from
power up.
GD3160
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 6 May 2024
96 / 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com