Electronic Components Datasheet Search
  English  ▼

X  

GD3160 Datasheet(PDF) 11 Page - NXP Semiconductors

Part # GD3160
Description  Advanced IGBT/SiC gate driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

GD3160 Datasheet(HTML) 11 Page - NXP Semiconductors

Back Button GD3160 Datasheet HTML 7Page - NXP Semiconductors GD3160 Datasheet HTML 8Page - NXP Semiconductors GD3160 Datasheet HTML 9Page - NXP Semiconductors GD3160 Datasheet HTML 10Page - NXP Semiconductors GD3160 Datasheet HTML 11Page - NXP Semiconductors GD3160 Datasheet HTML 12Page - NXP Semiconductors GD3160 Datasheet HTML 13Page - NXP Semiconductors GD3160 Datasheet HTML 14Page - NXP Semiconductors GD3160 Datasheet HTML 15Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 114 page
background image
NXP Semiconductors
GD3160
Advanced IGBT/SiC gate driver
[5]
ADC performance is guaranteed by design up to 500 μA injected current on AMUXIN pin.
[6]
Human Body Model (HBM) at device level
ANSI/ESDA/JEDEC JS-001: 2010 Model HBM (human body model)
Electrostatic Discharge (ESD) Sensitivity Testing Human Body Model (HBM)
Test points: pin to GND1 and pin to GND2
[7]
Charged Device Model (CDM)
ANSI/ESD S5.3.1-2009
ESD Association Standard for Electrostatic Discharge Sensitivity Testing - Charged Device Model (CDM) - Component Level
[8]
Module Level ESD Tests
ISO 10605:2008/Cor. 1:2010(E)
Road vehicles – Test methods for electrical disturbances from electrostatic discharge
[9]
Pulse width = 10 ns
8.3 Thermal characteristics
Exceeding these ratings may cause a malfunction or permanent damage to the device.
Symbol
Description (rating)
Min
Max
Unit
Thermal ratings
TJ
Operating junction temperature
−40
150
°C
TSTG
Storage temperature
−65
150
°C
TOTSDth
Overtemperature shutdown threshold of IC
180
210
°C
TPPRT
Peak package reflow temperature during reflow
[1] [2]
—
260
°C
MSL
Moisture Sensitivity Level
—
3
—
Table 5. Thermal ratings
[1]
NXP's Package Reflow capability meets Pb-free requirements for JEDEC standard J-STD-020C. For Peak Package Reflow Temperature and Moisture
Sensitivity Levels (MSL), contact NXP.
[2]
Pin soldering temperature limit is for 10 seconds maximum duration. Not designed for immersion soldering. Exceeding these limits may cause malfunction
or permanent damage to the device.
Symbol
Description (rating)
Min
Max
Unit
Thermal resistance ratings
RθJA
Junction-to-Ambient thermal resistance
[1] [2]
—
51
°C/W
RθJB
Junction-to-Board thermal resistance
[3]
—
34
°C/W
Table 6. Thermal resistance characteristics
[1]
Per EIA/JESD51-2A Integrated Circuits Thermal Test Method Environmental Conditions - Natural Convection (Still Air)
[2]
Per EIA/JESD51-7 High Effective Thermal Conductivity Test Board for Leaded Surface Mount Packages
[3]
JEDEC high-K thermal test board without thermal attachment.
GD3160
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 6 May 2024
11 / 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com