Electronic Components Datasheet Search
  English  ▼

X  

GD3160 Datasheet(PDF) 97 Page - NXP Semiconductors

Part # GD3160
Description  Advanced IGBT/SiC gate driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

GD3160 Datasheet(HTML) 97 Page - NXP Semiconductors

Back Button GD3160 Datasheet HTML 93Page - NXP Semiconductors GD3160 Datasheet HTML 94Page - NXP Semiconductors GD3160 Datasheet HTML 95Page - NXP Semiconductors GD3160 Datasheet HTML 96Page - NXP Semiconductors GD3160 Datasheet HTML 97Page - NXP Semiconductors GD3160 Datasheet HTML 98Page - NXP Semiconductors GD3160 Datasheet HTML 99Page - NXP Semiconductors GD3160 Datasheet HTML 100Page - NXP Semiconductors GD3160 Datasheet HTML 101Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 114 page
background image
NXP Semiconductors
GD3160
Advanced IGBT/SiC gate driver
ii. Check STATUS1 register for any fault with incorrect gate supply (no VCCOV or VCCREGUV faults),
load (no DESAT, etc.) or temperature element (no OTSD or OTW faults) and clear as needed.
iii. A REQADC command of the TSENSEA should confirm the reading seen on AOUT.
d. Confirm correct expected states on HV domain connections:
• Read STATUS3 register to ensure FSISO and power device gate (VGE) are in the expected state.
The GD3160 is now ready for BIST, configuration, or operation with default settings.
12.2 Perform BIST upon initialization
Upon initial configuration, perform a BIST with the relevant GD3160 settings configured.
1. If not already done, enter Configuration mode by writing a '1' to the CONFIG_EN bit in the MODE2 register.
2. Configure protections for BIST to check.
a. If operating in a system with a negative gate voltage, set the VEE_OORM mask bit (in MSK2 register)
to 1 so that BIST checks the comparator monitoring for VEE out of range (OOR) Failure mode. Even if
VEE_OORM will be masked in the application, this is one setting the BIST looks at to determine what to
check. The VEE_OORM mask bit can be set later to any value.
b. If operating a system without a negative gate voltage (minimum gate-emitter voltage = 0 V),
VEE_OORM may be left at 0, the default value.
3. Write a 1 to the BIST bit in the MODE2 register. This initializes the BIST process. See Section 11.16 for
additional information.
4. Following BIST completion, write BIST = 0 to end the BIST mode and deliver the result to the INTB pin.
• For block-level elaboration on the BIST result, send a REQBIST command and view the response. See
Section 11.16 for additional information.
5. Because PWM is disabled by configuration mode (CONFIG_EN = 1), after passing BIST the MCU can verify
the system path to various pins, if not already done.
a. Verify paths to input pins PWM, PWMALT, FSSTATE, FSENB, and FSISO pins by toggling the state
from the MCU and reading pin state (as seen by the GD3160) back over STATUS3 register.
b. The INTA and INTB output states can also be verified by STATUS3, the MCU can compare its own pin
state to the state reported by the GD3160 STATUS3 bit state. This can be done during a BIST fail or
pass state.
6. Write desired fault mask settings back to all mask registers (MSK1, MSK2, RMSK1, RMSK2) per application
settings. This enables desired fault and protections reporting now that BIST has been completed with as
many circuits as desired active.
7. At this point, BIST and verification measures are complete. There are two ways to proceed:
a. Write CONFIG_EN = 0 to leave CONFIG mode and enable PWMing with default settings. Continue to
Section 12.3.
b. Leave CONFIG_EN = 1 for now to continue configuring the device. Bearing the default configuration in
mind, skip to Section 12.5 for configure the G3160 best for an application.
8. Clear bits POR_1 and POR_2 in STATUS 3 register.
GD3160
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 6 May 2024
97 / 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com