Electronic Components Datasheet Search
  English  ▼

X  

GD3160 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # GD3160
Description  Advanced IGBT/SiC gate driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

GD3160 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button GD3160 Datasheet HTML 42Page - NXP Semiconductors GD3160 Datasheet HTML 43Page - NXP Semiconductors GD3160 Datasheet HTML 44Page - NXP Semiconductors GD3160 Datasheet HTML 45Page - NXP Semiconductors GD3160 Datasheet HTML 46Page - NXP Semiconductors GD3160 Datasheet HTML 47Page - NXP Semiconductors GD3160 Datasheet HTML 48Page - NXP Semiconductors GD3160 Datasheet HTML 49Page - NXP Semiconductors GD3160 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 114 page
background image
NXP Semiconductors
GD3160
Advanced IGBT/SiC gate driver
11.3.3 Types of gate drive
11.3.3.1 Normal mode turn on and turn off
When the voltage at the PWM pin goes high, the signal is deglitched by an input pulse suppression filter (tMIN).
Once the signal is validated, all pulldown transistors (GL, AMC, SSD) are turned off and GH is turned on. VCE
desaturation faults are blanked for tDESAT_LEB. Once tDESAT_LEB expires, IDESAT is turned on to monitor the
collector-emitter voltage. The SSD (soft shutdown) and the two-level turn-off (2LTO) circuits are not activated
during non-faulted switching.
When the voltage at the PWM pins goes low (the same 40 ns deglitch filter is applied) pullup transistor GH is
turned off and the primary pulldown transistor, GL, is turned on and the gate resistor in series with the GL pin
controls turn-off speed.
11.3.3.2 Soft shutdown
The GD3160 includes integrated soft shutdown (SSD) functionality, which is a current-limited turn-off
functionality, used for fault handling and specific turn-off scenarios.
The soft shutdown operation turns the power device gate off more slowly than normal turn-off: this reduces fast
or high di/dt in the load current, and reduces VCE overshoot and SOA stress on the power device.
The SSD circuit is connected between the GL and VEE pins. Table 14 and Section 11.13 provide details of the
ISSD programming options.
For controlled operation, soft shutdown is usually only run for a fixed time, or until the active Miller clamp can
activate. There is a capacity to program the duration (SSDT parameter) and utilize a "fast" mode (TIME_2
configuration bit) for low gate charge devices, like SiC MOSFETs.
Soft shutdown can be enabled or disabled in the MODE1 register. It is recommended that soft shutdown be
enabled (set SSD = 1) for all manner of power devices, including IGBTs, SiC MOSFETs, and so on. All power
devices benefit from the reduced voltage stress provided by soft shutdown gate current. Soft shutdown is used
in many different functions. It is especially required to be enabled (SSD = 1 in the MODE1 register) for the
following applications:
• Driving an IGBT (SSD reduces voltage stress, which cannot exceed maximum VCE)
• Driving fast-switching MOSFETs safely (SSD reduces voltage stress during turn-off events)
• Using the overcurrent feature (OCSNS = 1) based on the ISENSE pin. SSD is used to shut down an
overcurrent condition.
• Using the segmented drive function (SEGDRV = 1). SSD is used to mitigate potential VCE overvoltage.
• Using the active clamp (ACTCLMP = 1). SSD is used during gate turn-off during VCE overvoltage clamp
event.
11.3.3.3 Two-level turn-off
The GD3160 includes a two-level turn-off (2LTO) feature that momentarily reduces the gate voltage and limits
the maximum collector current while validating a fault condition.
The 2LTO feature may be enabled or disabled using the 2LTO bit in the MODE1 register, depending on
application needs.
The GD3160 must have two-level turn-off enabled (set 2LTO = 1) in the following applications:
• Driving an IGBT (2LTO ideally handles the plateau region while turning off substantial collector current)
• Devices with integrated current mirror (connected to the ISENSE pin)
The 2LTO feature can be useful, but is not absolutely required (may set 2LTO = 0), in the following applications:
GD3160
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 6 May 2024
46 / 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com