Electronic Components Datasheet Search
  English  ▼

X  

GD3160 Datasheet(PDF) 64 Page - NXP Semiconductors

Part # GD3160
Description  Advanced IGBT/SiC gate driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

GD3160 Datasheet(HTML) 64 Page - NXP Semiconductors

Back Button GD3160 Datasheet HTML 60Page - NXP Semiconductors GD3160 Datasheet HTML 61Page - NXP Semiconductors GD3160 Datasheet HTML 62Page - NXP Semiconductors GD3160 Datasheet HTML 63Page - NXP Semiconductors GD3160 Datasheet HTML 64Page - NXP Semiconductors GD3160 Datasheet HTML 65Page - NXP Semiconductors GD3160 Datasheet HTML 66Page - NXP Semiconductors GD3160 Datasheet HTML 67Page - NXP Semiconductors GD3160 Datasheet HTML 68Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 114 page
background image
NXP Semiconductors
GD3160
Advanced IGBT/SiC gate driver
aaa-044406
OFF
ON
OFF
Power
device
GND2
VCE
PWM
DESAT
IDESAT
enable
IDESAToff
enable
VCE Status
VCE Status
reported to INTA
tRTRPT_DLY
tRTRPT_DLY
tDESAT_FLT
DESAT_TH
HV DC supply
tDESAT_LEB
~VCE(on) + 0.7 V
Figure 30. INTA as a real-time VCE reporter
When the GD3160 is configured for real-time reporting (RTRPT = 1 and RTMON_CFG = 1), the IDESAT current
source is always on, except during the DESAT leading edge blanking time, and when segmented drive is
activated during turn-off. INTA reports a high VCE/VDS after segmented drive has completed during the turn-off.
The desaturation fault detection is active and monitored in parallel at the same time as the real-time. There is no
interference or exclusivity between desaturation fault detection and the real-time VCE/VDS report.
11.9.4 INTA real-time VGE reporting
When INTA is configured as a real-time VGE reporter, the INTA pin is transistor-driven to VDD and GND1, and
reports gate high/low status, as seen at the AMC pin. The AMC will therefore need to be directly connected to
the power device gate pin, even if the active Miller clamp function is disabled.
An example of real-time gate voltage reporting is shown in Figure 31.
GD3160
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 6 May 2024
64 / 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com