Electronic Components Datasheet Search
  English  ▼

X  

GD3160 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # GD3160
Description  Advanced IGBT/SiC gate driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

GD3160 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button GD3160 Datasheet HTML 9Page - NXP Semiconductors GD3160 Datasheet HTML 10Page - NXP Semiconductors GD3160 Datasheet HTML 11Page - NXP Semiconductors GD3160 Datasheet HTML 12Page - NXP Semiconductors GD3160 Datasheet HTML 13Page - NXP Semiconductors GD3160 Datasheet HTML 14Page - NXP Semiconductors GD3160 Datasheet HTML 15Page - NXP Semiconductors GD3160 Datasheet HTML 16Page - NXP Semiconductors GD3160 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 114 page
background image
NXP Semiconductors
GD3160
Advanced IGBT/SiC gate driver
[3]
per IEC 60065, 1.2 µ/50 µs waveform
[4]
Vini = VIOTM, tini = 1 s
VPD(m) = VIORM x 1.875, tm = 1 s, Partial discharge < 5pC
[5]
Vini = VIOTM, tini = 60 s
VPD(m) = VIORM x 1.6, tm = 10 s, Partial discharge < 5pC
[6]
Vini = VIOTM, tini = 60 s
VPD(m) = VIORM x 1.2, tm = 10 s, Partial discharge < 5pC
[7]
VTEST = VISO = 5000 VRMS, t = 60 s (NXP qualification)
VTEST = 2500 VRMS(4243Vpk), t = 1 s (100 % production) (MGD3160AM515EK, MGD3160AM535EK, MGD3160AM315EK and MGD3160AM335EK)
VTEST = 5000 VRMS(8500Vpk), t = 1 s (100 % production) (MGD3160AM518EK, MGD3160AM538EK, MGD3160AM318EK and MGD3160AM338EK)
The GD3160 uses the same isolation technology as GD3100, but device certification and manufacturing
certification are still pending until the device goes into production for the component programs listed in Table 9.
Standard
Approval
UL 1577
Certified 5.0 kV rms for 1 min single protection, 5.0 kV rms.
VDE 0884-10
Tested in accordance with DIN V VDE V 0884-10 reinforced isolation, 1.5 kV peak.
Table 9. Regulatory information
GD3160
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 6 May 2024
13 / 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com