| Electronic Components Datasheet Search |
|
GD3160 Datasheet(PDF) 30 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
GD3160 Datasheet(HTML) 30 Page - NXP Semiconductors |
|
30 / 114 page ![]() NXP Semiconductors GD3160 Advanced IGBT/SiC gate driver 10.2 State diagram Figure 4 shows the power-up and power-down behavior and how the GD3160 transitions from state to state. The Normal mode is the only state in which the PWM pin directly controls IGBT's gate. The PWM pin need not be Logic 0 to enter the Configuration mode, although this is highly recommended. When entering Normal mode from any state, the GD3160 immediately responds to the state of the PWM pin. A rising edge of PWM is not needed to re-enable PWMing. 10.2.1 Main domain state diagram aaa-040887 There are two target operating states: Gate ON or Gate OFF Start up is to the Gate OFF state. Diamonds are logic decisions Labled arrows are signals which drive changes in the operating state; Example: Start in GATE OFF: PWM ON signals a state change follow the arrow and answer decisions to get answer PWM ON from GATE OFF to FSENB FSENB is NOT true, so follow PWM ON to FAULT FAULT is NOT true (no faults) so follow PWM ON tp FSISO and FSISOEN. FSISOEN is true, but FSISO is not, the decision is N. Follow PWM ON to CONFIG_EN CONFIG_EN is Not true, so PWM ON turns the GATE ON. CONFIGURATION BIST RESET CONFIG_EN Y Y Y Y Y Y N N N N N N N N N N N N N GATE ON CONFIG_EN FSISO AND FSISOEN FAULT GATE OFF FSENB Figure 4. Main domain operating modes GD3160 All information provided in this document is subject to legal disclaimers. © 2024 NXP B.V. All rights reserved. Product data sheet Rev. 13 — 6 May 2024 30 / 114 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |