Electronic Components Datasheet Search
  English  ▼

X  

GD3160 Datasheet(PDF) 71 Page - NXP Semiconductors

Part # GD3160
Description  Advanced IGBT/SiC gate driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

GD3160 Datasheet(HTML) 71 Page - NXP Semiconductors

Back Button GD3160 Datasheet HTML 67Page - NXP Semiconductors GD3160 Datasheet HTML 68Page - NXP Semiconductors GD3160 Datasheet HTML 69Page - NXP Semiconductors GD3160 Datasheet HTML 70Page - NXP Semiconductors GD3160 Datasheet HTML 71Page - NXP Semiconductors GD3160 Datasheet HTML 72Page - NXP Semiconductors GD3160 Datasheet HTML 73Page - NXP Semiconductors GD3160 Datasheet HTML 74Page - NXP Semiconductors GD3160 Datasheet HTML 75Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 114 page
background image
NXP Semiconductors
GD3160
Advanced IGBT/SiC gate driver
aaa-034290
R/W[0] + ADDR[4:0] +
DATA[9:8]
MOSI
Commands
sent
Responses
received
SCLK
CSB
CSB low (SPI active) for 24b message length
SCLK clocks in 24b message (shown as 3x bytes for readability)
Breakdown (per byte) of 24-bit command sent
Breakdown (per byte) of 24-bit response received
All responses determined
from previous command
Determines next reply
All commands in
chain are latched at
CSB rising edge
MOSI is always read in on SCLK rising edge
MISO is always updated in on SCLK falling edge
MISO
R/W [0] + ADDR[4:0] +
DATA[9:8]
DATA[7:0]
DATA[7:0]
CRC[7:0]
CRC[7:0]
24-bit message breakdown:
· [23]: Read/Write (1b)
· [22:18]: Address (5b)
· [17:8]: Data (10b)
· [7:0]: CRC (8b)
Figure 36. Single-device SPI message breakdown
11.13.2 SPI CRC
When transmitting a message, both the GD3160 and the SPI master calculate the CRC of the first 16 SPI bits
[23:8] and append an eight bit CRC value as bits [7:0]. This completes the 24-bit SPI message.
The CRC is calculated using the polynomial x8 + x5 + x3 + x2 + x +1 (100101111) with a seed value of binary
11111111 (if the lookup table method is used, the seed value is 0x42). If the CRC of the received message
matches its calculated CRC, then the message was received correctly (for CRC calculation example refer to
"GD31xx Device Driver Example Code" on www.nxp.com/GD3160).
If the CRC of the received message does not match the calculated CRC, there was a receive error and the data
is not saved or used. The error is also logged in the STATUS2 register; the SPIERR bit is set.
T
C0
Inputdata
C1
T
T
C2
C4
T
C6
T
C7
T
T
C5
C3
0*X7
0*X6
1*X8
0*X4
1*X5
1*X2
1*X3
1*1
aaa-024603
1*X
T
Figure 37. CRC Polynomial
11.13.3 Protection of register configuration
Most of the SPI registers are protected from inadvertent modification. They are intended to be configured at
power up and left unchanged during normal operation, while the IGBT is being PWMed. This protection ensures
that operating modes, fault masks, fault thresholds, and fault filter times are unchanged unless the GD3160
receives clear instructions to change them.
GD3160
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 6 May 2024
71 / 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com