Electronic Components Datasheet Search
  English  ▼

X  

GD3160 Datasheet(PDF) 76 Page - NXP Semiconductors

Part # GD3160
Description  Advanced IGBT/SiC gate driver
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

GD3160 Datasheet(HTML) 76 Page - NXP Semiconductors

Back Button GD3160 Datasheet HTML 72Page - NXP Semiconductors GD3160 Datasheet HTML 73Page - NXP Semiconductors GD3160 Datasheet HTML 74Page - NXP Semiconductors GD3160 Datasheet HTML 75Page - NXP Semiconductors GD3160 Datasheet HTML 76Page - NXP Semiconductors GD3160 Datasheet HTML 77Page - NXP Semiconductors GD3160 Datasheet HTML 78Page - NXP Semiconductors GD3160 Datasheet HTML 79Page - NXP Semiconductors GD3160 Datasheet HTML 80Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 76 / 114 page
background image
NXP Semiconductors
GD3160
Advanced IGBT/SiC gate driver
Bit
Bit function
Logic 0
Logic 1
external resistor network to bias from
VREF)
BIST
BIST enable/disable
BIST feature is not active [1]
Requests BIST of LV and HV die. PWMing is disabled
until BIST is complete and BIST is reset to Logic 0. IGBT
is OFF during BIST.
CONFIG_EN
SPI register configuration enable/
disable
Configuration of SPI registers is
disabled. Normal operation.[1]
Enables Configuration of the SPI registers. IGBT gate
is OFF during Configuration. CRC value of configured
registers is calculated and stored on CSB rising edge
when exiting configuration. PWMing is allowed on the
next PWM rising edge after bit = 0. INTB pin reports faults
normally.
RESET
Reset enable/disable
GD31SiC not in Reset. Normal operating
mode. [1]
GD31SiC in reset. All configuration registers are set to
default values. PWMing is disabled. Configuration is
disabled. IGBT Is OFF. INTB = 0.
Table 29. Mode2 register description...continued
[1]
Default value
11.14.3 CONFIG1 register (ADDR = 0x02)
The CONFIG1 register contains ranges for overcurrent (voltage) threshold level, overcurrent filter time, gate
supply undervoltage threshold level, and selects behavior following a gate supply undervoltage event (latching
or non-latching turn-off).
Rb/W
ADDR
[4:0]
DATA9
DATA8
DATA7
DATA6
DATA5
DATA4
DATA3
DATA2
DATA1
DATA0
CRC
Bit #
[23]
[22:18]
[17]
[16]
[15]
[14]
[13]
[12]
[11]
[10]
[9]
[8]
[7:0]
Name/Value
0/1
0x02
UV_
LATCH
UV_TH [2] UV_TH [1] UV_TH [0]
OCTH [2]
OCTH [1]
OCTH [0] OCFILT [2] OCFILT [1] OCFILT [0]
—
Write locked
in normal
mode
—
—
yes
yes
yes
yes
yes
yes
yes
yes
yes
yes
—
Default
—
—
0
0
1
1
0
1
1
0
1
1
—
Table 30. CONFIG1 register bit readout
Bit
Bit function
Logic 0
Logic 1
UV_LATCH
Configure VCCREG undervoltage
behavior
PWM is gated by VCCREG undervoltage condition,
but not latched off. INTA or INTB follows the
VCCREG UV condition. VCCREG_UV SPI fault
bit is latched. PWM disabled during VCCREG UV
condition only. PWM is allowed upon VCCREG
recovery. [1]
PWM is latched off upon VCCREG undervoltage
condition, until fault is cleared.
INTA or INTB follows the VCCREG UV fault.
SPI fault bit is latched. PWM is disabled until the
VCCREG_UV fault bit is cleared.
Table 31. CONFIG1 bit description
[1]
Default value
Bit value
[2:0]
VCCREG undervoltage threshold
UV_TH[2:0]
Overcurrent fault detection threshold
OCTH[2:0]
Overcurrent fault detection filter time
OCFILT[2:0]
0x00
10.0 V
0.25 V
0.5 µs
0x01
10.5 V
0.50 V
1.0 µs
0x02
11.0 V
0.75 V
1.5 µs
0x03
11.5 V [1]
1.00 V [1]
2.0 µs [1]
0x04
12.0 V
1.25 V
2.5 µs
0x05
12.5 V
1.50 V
3.0 µs
Table 32. CONFIG1 parameter ranges
GD3160
All information provided in this document is subject to legal disclaimers.
© 2024 NXP B.V. All rights reserved.
Product data sheet
Rev. 13 — 6 May 2024
76 / 114



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com