Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 222 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 222 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 218Page - PMC-Sierra, Inc PM7346 Datasheet HTML 219Page - PMC-Sierra, Inc PM7346 Datasheet HTML 220Page - PMC-Sierra, Inc PM7346 Datasheet HTML 221Page - PMC-Sierra, Inc PM7346 Datasheet HTML 222Page - PMC-Sierra, Inc PM7346 Datasheet HTML 223Page - PMC-Sierra, Inc PM7346 Datasheet HTML 224Page - PMC-Sierra, Inc PM7346 Datasheet HTML 225Page - PMC-Sierra, Inc PM7346 Datasheet HTML 226Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 201
Register 051H, 151H, 251H, 351H: RDLC Interrupt Control
Bit
Type
Function
Default
Bit 7
R/W
INTE
0
Bit 6
R/W
INTC[6]
0
Bit 5
R/W
INTC[5]
0
Bit 4
R/W
INTC[4]
0
Bit 3
R/W
INTC[3]
0
Bit 2
R/W
INTC[2]
0
Bit 1
R/W
INTC[1]
0
Bit 0
R/W
INTC[0]
0
INTC[6:0]:
The INTC[6:0] bits control the assertion of FIFO fill level set point interrupts.
The value of INTC[6:0] = ‘b0000000 sets the interrupt FIFO fill level to 128.
INTE:
The Interrupt Enable bit (INTE) must set to logic 1 to allow the internal
interrupt status to be propagated to the INTB output. When the INTE bit is
logic 0 the RDLC will not assert INTB.
The contents of the Interrupt Control Register should only be changed when the
EN bit in the RDLC Configuration Register is logic 0. This prevents any
erroneous interrupt generation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com