Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 220 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 220 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 216Page - PMC-Sierra, Inc PM7346 Datasheet HTML 217Page - PMC-Sierra, Inc PM7346 Datasheet HTML 218Page - PMC-Sierra, Inc PM7346 Datasheet HTML 219Page - PMC-Sierra, Inc PM7346 Datasheet HTML 220Page - PMC-Sierra, Inc PM7346 Datasheet HTML 221Page - PMC-Sierra, Inc PM7346 Datasheet HTML 222Page - PMC-Sierra, Inc PM7346 Datasheet HTML 223Page - PMC-Sierra, Inc PM7346 Datasheet HTML 224Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 199
Register 050H, 150H, 250H,350H: RDLC Configuration
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
R/W
Reserved
0
Bit 3
R/W
MEN
0
Bit 2
R/W
MM
0
Bit 1
R/W
TR
0
Bit 0
R/W
EN
0
EN:
The EN bit controls the overall operation of the RDLC. When EN is set to
logic 1, RDLC is enabled; when set to logic 0, RDLC is disabled. When RDLC
is disabled, the RDLC FIFO buffer and interrupts are all cleared. When RDLC
is enabled, it will immediately begin looking for flags.
TR:
Setting the terminate reception (TR) bit to logic 1 forces the RDLC to
immediately terminate the reception of the current data frame, empty the
RDLC FIFO buffer, clear the interrupts, and begin searching for a new flag
sequence. The RDLC handles a terminate reception event in the same
manner as it would the toggling of the EN bit from logic 1 to logic 0 and back
to logic 1. Thus, the RDLC state machine will begin searching for flags. An
interrupt will be generated when the first flag is detected. The TR bit will reset
itself to logic 0 after the register write operation is completed and a rising and
falling edge occurs on the internal datalink clock input. If the RDLC
Configuration Register is read after this time, the TR bit value returned will be
logic 0.
MEN:
Setting the Match Enable (MEN) bit to logic 1 enables the detection and
storage in the RDLC FIFO of only those packets whose first data byte
matches either of the bytes written to the Primary or Secondary Match
Address Registers, or the universal all ones address. When the MEN bit is
logic 0, all packets received are written into the RDLC FIFO.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com