Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 216 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 216 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 212Page - PMC-Sierra, Inc PM7346 Datasheet HTML 213Page - PMC-Sierra, Inc PM7346 Datasheet HTML 214Page - PMC-Sierra, Inc PM7346 Datasheet HTML 215Page - PMC-Sierra, Inc PM7346 Datasheet HTML 216Page - PMC-Sierra, Inc PM7346 Datasheet HTML 217Page - PMC-Sierra, Inc PM7346 Datasheet HTML 218Page - PMC-Sierra, Inc PM7346 Datasheet HTML 219Page - PMC-Sierra, Inc PM7346 Datasheet HTML 220Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 195
Register 04DH, 14DH, 24DH, 34DH: J2-TRAN Diagnostic
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
R/W
PLDAIS
0
Bit 4
R/W
PHYAIS
0
Bit 3
R/W
DCRC
0
Bit 2
R/W
DLOS
0
Bit 1
R/W
DBPV
0
Bit 0
R/W
DFERR
0
DFERR:
The DFERR bit controls the insertion of framing alignment signal errors.
When DFERR is set to logic 1, the framing alignment signal is inverted.
When DFERR is set to logic 0, the framing alignment signal is not inverted.
DBPV:
The DBPV bit controls the insertion of single bipolar violations. When DBPV
bit transitions from 0 to 1, a violation is generated by masking the first
violation pulse of a B8ZS signature. To generate another violation, this bit
must first be written to 0 and then to logic 1 again. When DBPV is a logic 0,
no violation is generated.
DLOS:
When set to logic 1, the DLOS bit forces the unipolar and bipolar outputs of
the J2 TRAN to be all zeros. When DLOS is logic 0, the outputs of the J2
TRAN operate normally.
DCRC:
When set to logic 1, a the CRC-5 check bits (e1-5) are inverted before
transmission. DCRC inverts the e1-5 bits even if CDIS of the J2 TRAN
Configuration register is set to logic 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com