Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 215 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 215 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 211Page - PMC-Sierra, Inc PM7346 Datasheet HTML 212Page - PMC-Sierra, Inc PM7346 Datasheet HTML 213Page - PMC-Sierra, Inc PM7346 Datasheet HTML 214Page - PMC-Sierra, Inc PM7346 Datasheet HTML 215Page - PMC-Sierra, Inc PM7346 Datasheet HTML 216Page - PMC-Sierra, Inc PM7346 Datasheet HTML 217Page - PMC-Sierra, Inc PM7346 Datasheet HTML 218Page - PMC-Sierra, Inc PM7346 Datasheet HTML 219Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 215 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 194
Register 04CH, 14CH, 24CH, 34CH: J2-TRAN Configuration
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
R/W
Reserved
0
Bit 5
R/W
Reserved
0
Bit 4
R/W
Reserved
0
Bit 3
R/W
X3SET
1
Bit 2
R/W
X2SET
1
Bit 1
R/W
X1SET
1
Bit 0
R/W
RLOF
0
RLOF:
The RLOF bit controls the state of the A-bit. When RLOF is a logic 1, the A-
bit is also set to logic 1. When RLOF is a logic 0, the A-bit is set to logic 0.
The A-bit in the transmit stream may also be set to logic 1 if an LOF condition
in the J2 FRMR is detected and the RBLEN bit is logic 1 in the S/UNI-QJET
Data Link and FERF/RAI Control register.
X1SET:
The X1SET bit controls the state of the X1 bit (bit 785 in the third frame of a
J2 multiframe). When X1SET is a logic 1, the X1 bit is set to logic 1. When
X1SET is a logic 0, the X1 bit is set to logic 0.
X2SET:
The X2SET bit controls the state of the X2 bit (bit 786 in the third frame of a
J2 multiframe). When X2SET is a logic 1, the X2 bit is set to logic 1. When
X2SET is a logic 0, the X2 bit is set to logic 0.
X3SET:
The X3SET bit controls the state of the X3 bit (bit 787 in the third frame of a
J2 multiframe). When X3SET is a logic 1, the X3 bit is set to logic 1. When
X3SET is a logic 0, the X3 bit is set to logic 0.
Reserved:
The reserved register bits should be set to logic 0 for proper operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com