Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 230 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 230 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 226Page - PMC-Sierra, Inc PM7346 Datasheet HTML 227Page - PMC-Sierra, Inc PM7346 Datasheet HTML 228Page - PMC-Sierra, Inc PM7346 Datasheet HTML 229Page - PMC-Sierra, Inc PM7346 Datasheet HTML 230Page - PMC-Sierra, Inc PM7346 Datasheet HTML 231Page - PMC-Sierra, Inc PM7346 Datasheet HTML 232Page - PMC-Sierra, Inc PM7346 Datasheet HTML 233Page - PMC-Sierra, Inc PM7346 Datasheet HTML 234Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 230 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 209
FIFO will be lost. Aborts are continuously sent and the FIFO is held in reset
until this bit is reset to a logic 0. At least one Abort sequence will be sent
when the ABT bit transitions from logic 0 to logic 1.
EOM:
The EOM bit indicates that the last byte of data written in the Transmit Data
register is the end of the present data packet. If the CRC bit is set then the
16-bit FCS word is appended to the last data byte transmitted and a
continuous stream of flags is generated. The EOM bit is automatically
cleared upon a write to the TDPR Transmit Data register.
Reserved:
This bit should be set to logic 0 for proper operation.
FIFOCLR:
The FIFOCLR bit resets the TDPR FIFO. When set to logic 1, FIFOCLR will
cause the TDPR FIFO to be cleared.
FLGSHARE:
The FLGSHARE bit configures the TDPR to share the opening and closing
flags between successive frames. If FLGSHARE is logic 1, then the opening
and closing flags between successive frames are shared. If FLGSHARE is
logic 0, then separate closing and opening flags are inserted between
successive frames.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com