Electronic Components Datasheet Search
  English  ▼

X  

PM7346 Datasheet(PDF) 258 Page - PMC-Sierra, Inc

Part # PM7346
Description  SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PDF  419 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PMC [PMC-Sierra, Inc]
Direct Link  http://www.pmc-sierra.com
Logo PMC - PMC-Sierra, Inc

PM7346 Datasheet(HTML) 258 Page - PMC-Sierra, Inc

Back Button PM7346 Datasheet HTML 254Page - PMC-Sierra, Inc PM7346 Datasheet HTML 255Page - PMC-Sierra, Inc PM7346 Datasheet HTML 256Page - PMC-Sierra, Inc PM7346 Datasheet HTML 257Page - PMC-Sierra, Inc PM7346 Datasheet HTML 258Page - PMC-Sierra, Inc PM7346 Datasheet HTML 259Page - PMC-Sierra, Inc PM7346 Datasheet HTML 260Page - PMC-Sierra, Inc PM7346 Datasheet HTML 261Page - PMC-Sierra, Inc PM7346 Datasheet HTML 262Page - PMC-Sierra, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 258 / 419 page
background image
PM7346 S/UNI-QJET
DATASHEET
PMC-960835
ISSUE 6
SATURN QUAD USER NETWORK INTERFACE FOR J2, E3, T3
PMC-SIERRA, INC. PROPRIETARY AND CONFIDENTIAL TO PMC-SIERRA INC., AND ITS CUSTOMERS’ INTERNAL USE 237
Register 06DH, 16DH, 26DH, 36DH: RXCP-50 Receive Cell Counter (MSB)
Bit
Type
Function
Default
Bit 7
Unused
X
Bit 6
Unused
X
Bit 5
Unused
X
Bit 4
Unused
X
Bit 3
Unused
X
Bit 2
R
RCELL[18]
X
Bit 1
R
RCELL[17]
X
Bit 0
R
RCELL[16]
X
RCELL[18:0]:
The RCELL[18:0] bits indicate the number of cells received and written into
the receive FIFO during the last accumulation interval. Cells received and
filtered due to HCS errors or Idle cell matches are not counted. The counter
should be polled every second to avoid saturation. The contents of these
registers are valid after 24 RCLK periods containing cell header or payload
data (line or PLCP overhead periods do not count) after a transfer is triggered
by a write to one of RXCP-50's performance monitor counters (registers x69H
- x71H) or to the S/UNI-QJET Identification, Master Reset, and Global
Monitor Update register (006H).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com