Electronic Components Datasheet Search
  English  ▼

X  

TMPR3916 Datasheet(PDF) 203 Page - Toshiba Semiconductor

Part # TMPR3916
Description  32-Bit TX System RISC TX39 Family TMPR3916
PDF  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TMPR3916 Datasheet(HTML) 203 Page - Toshiba Semiconductor

Back Button TMPR3916 Datasheet HTML 199Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 200Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 201Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 202Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 203Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 204Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 205Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 206Page - Toshiba Semiconductor TMPR3916 Datasheet HTML 207Page - Toshiba Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 203 / 225 page
background image
Chapter 11 Electrical Characteristics
Preliminary
11-4
11.4 View DAC
DC Characteristics:
Parameter
Symbol
Min
Typ
Max
Unit
Resolution (Each DAC)
8
(1)
Bits
Accuracy (Each DAC)
Integral Linearity Error
Differential Linearity Error
IL
DL
± ½
± ½
LSB
LSB
Analog Output Current
White Level
White Level from Black Level
Black Level
Blank Level
19.05
17.61
1.44
0.00
mA
mA
mA
mA
LSB Size
69.06
µA
Voltage-reference Input Current
1.66
mA
Stand-by Current
0.00
mA
(1) Only upper six bits are used in TMPR3916, lower two bits are wired to zero
AC Characteristics:
Parameter
Symbol
Min
Typ
Max
Unit
Clock Rate
fmax

175
MHz
Clock Cycle Time
tck
5.72
ns
Analog Output Full Scale Delay
tOD
1.8
ns
Full Scale Rise/Fall Time (10% to 90%)
tOR
0.78
ns
Glitch Impulse
32.5
pV - sec
Power Supply Current
IAA

70
mA
Connectivity of ViewDAC:
TMPR3916
0.1 µ
D
V
C
C
D
G
N
D
A
G
N
D
4
A
G
N
D
3
A
G
N
D
2
V
R
E
F
V
B
S
F
S
A
D
J
R
O
U
T
A
V
C
C
3
G
O
U
T
A
V
C
C
2
B
O
U
T
A
V
C
C
1
A
G
N
D
1
3.3 V
RGB Output
10 µ
10 µ
0.1 µ
0.1 µ
0.1 µ
0.1 µ
745
37.5
37.5
37.5
1.235 V
* To reduce the noise, please place Ceramic Capacitors of 0.1uF between DVCC/DGND,
AVCC3/AGND3, AVCC2/AGND2 and AVCC1/AGND1 as close as possible to the pads
* Use seperate ground lines/planes for the digital and the analog ground in order to avoid
analog ground level shift as a result of the current through the DGND terminal
3.3 k
Figure 11.4.1 Applying External Connectivity for Digital/Analog Converter



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com