Electronic Components Datasheet Search
  English  ▼

X  

RZ/G3E Datasheet(PDF) 103 Page - Renesas Technology Corp

Part # RZ/G3E
Description  RZ Family, RZ/G Series
PDF  112 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RZ/G3E Datasheet(HTML) 103 Page - Renesas Technology Corp

Back Button RZ/G3E Datasheet HTML 99Page - Renesas Technology Corp RZ/G3E Datasheet HTML 100Page - Renesas Technology Corp RZ/G3E Datasheet HTML 101Page - Renesas Technology Corp RZ/G3E Datasheet HTML 102Page - Renesas Technology Corp RZ/G3E Datasheet HTML 103Page - Renesas Technology Corp RZ/G3E Datasheet HTML 104Page - Renesas Technology Corp RZ/G3E Datasheet HTML 105Page - Renesas Technology Corp RZ/G3E Datasheet HTML 106Page - Renesas Technology Corp RZ/G3E Datasheet HTML 107Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 112 page
background image
RZ/G3E Group
3. Electrical Characteristics
R01DS0477EJ0115 Rev.1.15
Page 103 of 112
Nov 28, 2025
3.6.2
Temperature Sensor Characteristics
Table 3.37
Temperature Sensor Characteristics
Item
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Accuracy from −40°C to 125°C
Accm40_125 —
±3.0
±5.0
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com