Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 29 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 29 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 25Page - Infineon Technologies AG XC2000 Datasheet HTML 26Page - Infineon Technologies AG XC2000 Datasheet HTML 27Page - Infineon Technologies AG XC2000 Datasheet HTML 28Page - Infineon Technologies AG XC2000 Datasheet HTML 29Page - Infineon Technologies AG XC2000 Datasheet HTML 30Page - Infineon Technologies AG XC2000 Datasheet HTML 31Page - Infineon Technologies AG XC2000 Datasheet HTML 32Page - Infineon Technologies AG XC2000 Datasheet HTML 33Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Architectural Overview
Preliminary
User’s Manual
2-1
V1.0, 2007-06
ArchitectureX2K, V1.0
2
Architectural Overview
The architecture of the XC2000 core combines the advantages of both RISC and CISC
processors in a very well-balanced way. This computing and controlling power is
completed by the DSP-functionality of the MAC-unit. The XC2000 integrates this
powerful CPU core with a set of powerful peripheral units into one chip and connects
them very efficiently. On-chip memory blocks with dedicated buses and control units
store code and data. This combination of features results in a high performance
microcontroller, which is the right choice not only for today’s applications, but also for
future engineering challenges. One of the buses used concurrently on the XC2000 is the
LXBus, an internal representation of the external bus interface. This bus provides a
standardized method for integrating additional application-specific peripherals into
derivatives of the standard XC2000.
Figure 2-1
XC2000 Functional Block Diagram
C166SV2 - Core
DPRAM
2 Kbytes
CPU
BRGen
ADC
8-Bit/
10-Bit
8 Ch.
USIC0
2 Ch.,
64 x
Buffer
RS232,
LIN,
SPI,
IIC, IIS
RTC
WDT
Inter rupt & PEC
EBC
LXBus Control
External Bus
Control
DSRAM
16 Kbytes
PSRAM
64 Kbytes
Oscillators/PLL, System Fct.
Clock, Reset, Power Control,
Stand-By RAM
OCDS
Debug Support
Interrupt Bus
8
P15
P9
P7 P6
Port 5
P4
P3
P2
P1
P0
8
8
8
13
8
4
5
16
8
MC_XC2X_BLOCKDIAGRAM
Program Flash 0
256 Kbytes
Program Flash 1
256 Kbytes
Program Flash 2
256 Kbytes
GPT
T6
T5
T4
T3
T2
ADC
8-Bit/
10-Bit
16 Ch.
CC2
T8
T7
Multi
CAN
5 ch.
USIC2
2 Ch.,
64 x
Buffer
RS232,
LIN,
SPI,
IIC, IIS
USIC1
2 Ch.,
64 x
Buffer
RS232,
LIN,
SPI,
IIC, IIS
CCU63
T13
T12
CCU60
T13
T12
P8
7
P10
16
P11
6
...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com