Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 40 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 40 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 36Page - Infineon Technologies AG XC2000 Datasheet HTML 37Page - Infineon Technologies AG XC2000 Datasheet HTML 38Page - Infineon Technologies AG XC2000 Datasheet HTML 39Page - Infineon Technologies AG XC2000 Datasheet HTML 40Page - Infineon Technologies AG XC2000 Datasheet HTML 41Page - Infineon Technologies AG XC2000 Datasheet HTML 42Page - Infineon Technologies AG XC2000 Datasheet HTML 43Page - Infineon Technologies AG XC2000 Datasheet HTML 44Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Architectural Overview
Preliminary
User’s Manual
2-12
V1.0, 2007-06
ArchitectureX2K, V1.0
Hardware detection of the selected memory space is placed at the internal memory
decoders and allows the user to specify any address directly or indirectly and obtain the
desired data without using temporary registers or special instructions.
For Special Function Registers three areas of the address space are reserved: The
standard Special Function Register area (SFR) uses 512 bytes, while the Extended
Special Function Register area (ESFR) uses the other 512 bytes. A range of 4 Kbytes is
provided for the internal IO area (XSFR). SFRs are wordwide registers which are used
for controlling and monitoring functions of the different on-chip units. Unused SFR
addresses are reserved for future members of the XC2000 Family with enhanced
functionality. Therefore, they should either not be accessed, or written with zeros, to
ensure upward compatibility.
In order to meet the needs of designs where more memory is required than is provided
on chip, up to 12 Mbytes (approximately, see Table 2-1) of external RAM and/or ROM
can be connected to the microcontroller. The External Bus Interface also provides
access to external peripherals.
Table 2-1
XC2000 Memory Map
Address Area
Start Loc.
End Loc.
Area Size1)
Notes
IMB register space
FF’FF00H
FF’FFFFH
256 Bytes
–
Reserved (Access trap) F0’0000H
FF’FEFFH
<1 Mbyte
Minus IMB reg.
Reserved for EPSRAM
E9’0000H
EF’FFFFH
448 Kbytes
Mirrors EPSRAM
Emulated PSRAM
E8’0000H
E8’FFFFH
64 Kbytes
Flash timing
Reserved for PSRAM
E1’0000H
E7’FFFFH
448 Kbytes
Mirrors PSRAM
Program SRAM
E0’0000H
E0’FFFFH
64 Kbytes
Maximum speed
Reserved for pr. mem.
CC’0000H
DF’FFFFH <1.25 Mbytes –
Program Flash 2
C8’0000H
CB’FFFFH 256 Kbytes
–
Program Flash 1
C4’0000H
C7’FFFFH
256 Kbytes
–
Reserved Sector (PF0)
C3’F000H
C3’FFFFH
4 Kbytes
Used internally
Program Flash 0
C0’0000H
C3’EFFFH 252 Kbytes
–
External memory area
40’0000H
BF’FFFFH
8 Mbytes
–
Available Ext. IO area2) 20’5800H
3F’FFFFH
< 2 Mbytes
Minus USIC/CAN
USIC registers
20’4000H
20’57FFH
6 Kbytes
Accessed via EBC
MultiCAN registers
20’0000H
20’3FFFH
16 Kbytes
Accessed via EBC
External memory area
01’0000H
1F’FFFFH
< 2 Mbytes
Minus segment 0
SFR area
00’FE00H
00’FFFFH
0.5 Kbyte
–
Dual-Port RAM
00’F600H
00’FDFFH
2 Kbytes
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com