| Electronic Components Datasheet Search |
|
XC2000 Datasheet(PDF) 20 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
XC2000 Datasheet(HTML) 20 Page - Infineon Technologies AG |
|
20 / 647 page ![]() XC2000 Derivatives System Units (Vol. 1 of 2) Introduction Preliminary User’s Manual 1-2 V1.0, 2007-06 Intro, V1.0 About this Manual This manual describes the functionality of a number of 16-bit microcontrollers of the Infineon XC2000 Family. These microcontrollers provide identical functionality to a large extent, but each device type has specific unique features as indicated here. The descriptions in this manual cover a superset of the provided features and refer to the following derivatives: This manual is valid for these derivatives and describes all variations of the different available temperature ranges and packages. For simplicity, these various device types are referred to by the collective term XC2000 throughout this manual. The complete pro-electron conforming designations are listed in the respective Data Sheets. Some sections of this manual do not refer to all of the XC2000 derivatives which are currently available or planned (such as devices with different types of on-chip memory or peripherals). These sections contain respective notes wherever possible. Table 1-1 XC2000 Derivative Synopsis Derivative1) 1) The derivatives are available with various memory sizes. For details, please refer to the corresponding Data Sheets. Package CCU6 Mod. ADC2) Chan. 2) Analog input channels are listed for each Analog/Digital Converter module separately. Interfaces XC2287-xxF66L LQFP-144 0, 1, 2, 3 16 + 8 5 CAN Nodes, 6 Serial Channels XC2286-xxF66L LQFP-144 0, 1 16 + 8 3 CAN Nodes, 6 Serial Channels XC2285-xxF66L LQFP-144 0, 1 12 2 CAN Nodes, 4 Serial Channels XC2267-xxF66L LQFP-100 0, 1, 2, 3 8 + 8 5 CAN Nodes, 6 Serial Channels XC2264-xxF66L LQFP-100 0, 1 8 2 CAN Nodes, 4 Serial Channels XC2387-xxF66L LQFP-144 0, 1 16 + 8 3 CAN Nodes, 6 Serial Channels XC2365-xxF66L LQFP-100 0, 1 11 + 5 3 CAN Nodes, 6 Serial Channels |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |