Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 92 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 92 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 88Page - Infineon Technologies AG XC2000 Datasheet HTML 89Page - Infineon Technologies AG XC2000 Datasheet HTML 90Page - Infineon Technologies AG XC2000 Datasheet HTML 91Page - Infineon Technologies AG XC2000 Datasheet HTML 92Page - Infineon Technologies AG XC2000 Datasheet HTML 93Page - Infineon Technologies AG XC2000 Datasheet HTML 94Page - Infineon Technologies AG XC2000 Datasheet HTML 95Page - Infineon Technologies AG XC2000 Datasheet HTML 96Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Memory Organization
Preliminary
User’s Manual
3-30
V1.0, 2007-06
MemoryX2K, V1.1
The “Program Page” command is only accepted if the addressed flash module is in
Page Mode (otherwise, a sequence error is reported instead of execution). With the
“Program Page” command, the page mode is terminated, indicated by resetting the
related PAGE flag and the command mode is entered and the PROG flag in the status
register IMB_FSR is activated and the BUSY flag for the addressed module is set in
IMB_FSR. While BUSY is set the IMB Core does not accept any further commands.
When the program process has finished BUSY is cleared but PROG stays set. It
indicates which operation has finished and will be cleared by a System Reset or by
“Clear Status”.
Read accesses to the busy flash module are not possible. Reading a busy flash module
stalls until the flash module becomes ready again.
If write protection is installed for the sector to be programmed, the “Program Page”
command is not accepted because the Flash is not in Page Mode (see description of the
“Enter Page Mode” command).
If the page to be programmed is a security page (accepted only in security page mode),
the new protection configuration (including keywords or protection confirmation code) is
valid directly after execution of this command.
While the IMB Core reads the new protection configuration all DMU accesses to any
flash module are stalled.
Erase Sector
Arguments: SA
Definition:
MOV XXAAH, XX80H
MOV XX54H, XXAAH
MOV SA, XX33H
Timing: 3-cycle command that sets BUSY for the whole erasing duration.
Description: The addressed physical sector in the flash array is erased. Following data
reads deliver all-zero data with correct ECC.
The erasing process is autonomously performed by the selected flash module. The CPU
is not occupied and can continue with its application.
The sector to be erased is addressed by SA (sector address) in the last command cycle.
With the last cycle of the “Erase Sector” command, the command mode is entered,
indicated by activation of the ERASE flag and after start of erase operation also by the
related busy flag in the status register IMB_FSR. The BUSY flag is cleared after finishing
the operation but ERASE stays set. It can be cleared by a System Reset or the “Clear
Status” command.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com