Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 81 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 81 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 77Page - Infineon Technologies AG XC2000 Datasheet HTML 78Page - Infineon Technologies AG XC2000 Datasheet HTML 79Page - Infineon Technologies AG XC2000 Datasheet HTML 80Page - Infineon Technologies AG XC2000 Datasheet HTML 81Page - Infineon Technologies AG XC2000 Datasheet HTML 82Page - Infineon Technologies AG XC2000 Datasheet HTML 83Page - Infineon Technologies AG XC2000 Datasheet HTML 84Page - Infineon Technologies AG XC2000 Datasheet HTML 85Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Memory Organization
Preliminary
User’s Manual
3-19
V1.0, 2007-06
MemoryX2K, V1.1
•
Drain Disturb: Because of using a so called “one-transistor” flash cell each program
access disturbs all pages of the same sector slightly. Over long these “drain disturbs”
make 0 and 1 values indistinguishable and thus provoke read errors. This effect is
again interrelated with the retention. A cell that incurred a high number of drain
disturbs will have a lower retention. The physical sectors of the flash array are
isolated from each other. So pages of a different sector do not incur a drain disturb.
This effect must be therefor considered when the page erase feature is used.
The durations of programming and erasing as well as the limits for endurance, retention
and drain disturbs are documented in the data sheet.
Attention: No means exist in the device that prevent the application from violating
these limitation.
Array Structure
The flash memory is hierarchically structured:
•
Block: A block consists of 128 user data bits (i.e. 16 bytes) and 9 ECC bits. One read
access delivers one block.
•
Page: A page consists of 8 blocks (i.e. 128 bytes). Programming changes always
complete pages.
•
Sector: A sector consists of 32 pages (i.e. 4096 bytes). The pages of one sector are
affected by drain disturb as described above. The pages of different sectors are
isolated from each other.
•
Array: Each array has in the XC2000 64 sectors1). Usually when referring to an
“array” this contains as well all accompanying logic as assembly buffer, high voltage
logic and the digital logic that allows to operate them in parallel.
•
Memory: The complete flash memory of the XC2000 consists of 3 flash arrays.
This structure is visualized in Figure 3-5.
1)
In the Flash0 one sector is reserved for device internal purposes. It is not accessible by software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com