| Electronic Components Datasheet Search |
|
XC2000 Datasheet(PDF) 19 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
XC2000 Datasheet(HTML) 19 Page - Infineon Technologies AG |
|
19 / 647 page ![]() XC2000 Derivatives System Units (Vol. 1 of 2) Introduction Preliminary User’s Manual 1-1 V1.0, 2007-06 Intro, V1.0 1 Introduction The rapidly growing area of embedded control applications is representing one of the most time-critical operating environments for today’s microcontrollers. Complex control algorithms have to be processed based on a large number of digital as well as analog input signals, and the appropriate output signals must be generated within a defined maximum response time. Embedded control applications also are often sensitive to board space, power consumption, and overall system cost. Embedded control applications therefore require microcontrollers, which: • offer a high level of system integration • eliminate the need for additional peripheral devices and the associated software overhead • provide system security and fail-safe mechanisms • provide effective means to control (and reduce) the device’s power consumption The increasing complexity of embedded control applications requires microcontrollers for new high-end embedded control systems to possess a significant increase in CPU performance and peripheral functionality over conventional 8-bit controllers. To achieve this high performance goal Infineon has decided to develop its families of 16-bit CMOS microcontrollers without the constraints of backward compatibility. Nonetheless the architectures of the 16-bit microcontroller families pursue successful hardware and software concepts, which have been established in Infineon’s popular 8-bit controller families. This established functionality, which has been the basis for system solutions in a wide range of application areas, is amended with flexible peripheral modules and effective power control features. The sum of this provides the prerequisites for powerful, yet efficient systems-on-chip. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |