Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 80 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 80 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 76Page - Infineon Technologies AG XC2000 Datasheet HTML 77Page - Infineon Technologies AG XC2000 Datasheet HTML 78Page - Infineon Technologies AG XC2000 Datasheet HTML 79Page - Infineon Technologies AG XC2000 Datasheet HTML 80Page - Infineon Technologies AG XC2000 Datasheet HTML 81Page - Infineon Technologies AG XC2000 Datasheet HTML 82Page - Infineon Technologies AG XC2000 Datasheet HTML 83Page - Infineon Technologies AG XC2000 Datasheet HTML 84Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Memory Organization
Preliminary
User’s Manual
3-18
V1.0, 2007-06
MemoryX2K, V1.1
3.9
Embedded Flash Memory
This chapter describes the embedded flash memory of the XC2000:
•
Section 3.9.1 defines the flash specific nomenclature and the structure of the flash
memory.
•
Section 3.9.2 describes the operating modes.
•
Section 3.9.3 contains all operations.
•
Section 3.9.4 gives the details of operating sequences.
•
The three sections Section 3.9.5, Section 3.9.6 and Section 3.9.7 look more into
depth of maintaining data integrity and protection issues.
•
Section 3.9.8 discusses Flash EEPROM emulation.
•
Section 3.9.9 describes interrupt generation by the flash memory.
The Chapter 3.10 describes how the flash memory is embedded into the memory
architecture of the XC2000 and lists all SFRs that affect its behavior.
3.9.1
Definitions
This section defines the nomenclature and some abbreviations as a base for the rest of
the document. The used flash memory is a non-volatile memory (“NVM”) based on a
floating gate one-transistor cell. It is called “non-volatile” because the memory content is
kept when the memory power supply is shut off.
Logical and Physical States
Flash memory content can not be changed directly as in SRAMs. Changing data is a
complicated process with a typically much longer duration than reading.
•
Erasing: The erased state of a cell is logical 0. Forcing an flash cell to this state is
called “erasing”. Erasing is possible with a minimum granularity of one page (see
below).
•
Programming: The programmed state of a cell is logical 1. Changing an erased cell
to this state is called “programming”. A page must only be programmed once and has
to be erased before it can be programmed again.
The above listed processes have certain limitations:
•
Retention: This is the time during which the data of a flash cell can be read reliably.
The retention time is a statistical figure that depends on the operating conditions of
the flash array (temperature profile) and the accesses to the flash array. With an
increasing number of program/erase cycles (see endurance) the retention is lowered.
Drain and gate disturbs decrease data retention as well.
•
Endurance: As described above the data retention is reduced with an increasing
number of program/erase cycles. A flash cell incurs one cycle whenever its page or
sector is erased. This number is called “endurance”. As said for the retention it is a
statistical figure that depends on operating conditions and the use of the flash cells
and not to forget on the required quality level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com