Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 91 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 91 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 87Page - Infineon Technologies AG XC2000 Datasheet HTML 88Page - Infineon Technologies AG XC2000 Datasheet HTML 89Page - Infineon Technologies AG XC2000 Datasheet HTML 90Page - Infineon Technologies AG XC2000 Datasheet HTML 91Page - Infineon Technologies AG XC2000 Datasheet HTML 92Page - Infineon Technologies AG XC2000 Datasheet HTML 93Page - Infineon Technologies AG XC2000 Datasheet HTML 94Page - Infineon Technologies AG XC2000 Datasheet HTML 95Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Memory Organization
Preliminary
User’s Manual
3-29
V1.0, 2007-06
MemoryX2K, V1.1
The high order bits XX should address the target page. The IMB Core takes always the
page address that was used by the last “Enter Page Mode” command.
When the 128-bit block assembly register of the IMB Core is filled completely after 8
“Load Page Word” commands the IMB Core calculates the 9 ECC bits and transfers the
block into the assembly buffer of the flash module. After that it sets the write pointer of
the block assembly register back to zero. The following 8 “Load Page Word” commands
fill again the block. After all 8 blocks are filled the “Program Page” command can be
used to trigger the program process that transfers the assembly buffer content into the
flash array.
While the IMB Core transfers the completed block assembly register to the flash module
it can not accept new data for a few cycles. A “Load Page Word” command arriving
during this time is stalled by the IMB Core.
If “Program Page” is called before all blocks of the assembly buffer have received new
data then the remaining bits are cleared.
If more than 8 times 8 commands are used the additional data is lost. The overflow
condition is indicated by the sequence error flag, but the execution of a following
“Program Page” command is not suppressed (the page mode is not aborted).
When a “Load Page Word” command is received and the flash is not in page mode, a
sequence error is reported in IMB_FSR with SQER flag. In case of a new “Enter Page
Mode” command or a “Reset to Read” command during page mode, or in case of an
Application Reset, the write data in the assembly buffer is lost. The current page mode
is aborted and in case of a new “Enter Page Mode” command entered again for the new
address.
Program Page
Arguments: –
Definition:
MOV XXAAH, XXA0H
MOV XX5AH, XXAAH
Timing: 2-cycle command that sets “BUSY” for the whole programming duration.
Description: The assembly buffer of the flash module is programmed into the flash array.
If the last block of data was not filled completely this command finalizes its ECC
calculation and copies its data into the assembly buffer before it starts the program
process. The selection of the flash module and the page to be programmed depends on
the page address used by the last “Enter Page Mode” command. The user software
should always address the targeted page.
The programming process is autonomously performed by the selected flash module. The
CPU is not occupied and can continue with its application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com