Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 52 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 52 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 48Page - Infineon Technologies AG XC2000 Datasheet HTML 49Page - Infineon Technologies AG XC2000 Datasheet HTML 50Page - Infineon Technologies AG XC2000 Datasheet HTML 51Page - Infineon Technologies AG XC2000 Datasheet HTML 52Page - Infineon Technologies AG XC2000 Datasheet HTML 53Page - Infineon Technologies AG XC2000 Datasheet HTML 54Page - Infineon Technologies AG XC2000 Datasheet HTML 55Page - Infineon Technologies AG XC2000 Datasheet HTML 56Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Architectural Overview
Preliminary
User’s Manual
2-24
V1.0, 2007-06
ArchitectureX2K, V1.0
Universal Serial Interface Channel Modules (USIC)
Each USIC channel can be individually configured to match the application needs, e.g.
the protocol can be selected or changed during run time without the need for a reset. The
following protocols are supported:
• UART (ASC, asynchronous serial channel)
- module capability: receiver/transmitter with max. baud rate fsys/4
- application target baud rate range: 1.2 kBaud to 3.5 MBaud
- number of data bits per data frame 1 to 63
- MSB or LSB first
• LIN Support by HW (low-cost network, baud rate up to 20 kBaud)
- data transfers based on ASC protocol
- baud rate detection possible by built-in capture event of baud rate generator
- checksum generation under SW control for higher flexibility
• SSC/SPI (synchronous serial channel with or without slave select lines)
- module capability: slave mode with max. baud rate fsys
- module capability: master mode with max. baud rate fsys /2
- application target baud rate range: 2 kBaud to 10 MBaud
- number of data bits per data frame 1 to 63, more with explicit stop condition
- MSB or LSB first
• IIC (Inter-IC Bus)
- application baud rate 100 kBaud to 400 kBaud
- 7-bit and 10-bit addressing supported
- full master and slave device capability
• IIS (infotainment audio bus)
- module capability: receiver with max. baud rate fSYS
- module capability: transmitter with max. baud rate fSYS /2
- application target baud rate range: up to 26 MBaud
In addition to the flexible choice of the communication protocol, the USIC structure has
been designed to reduce the system load (CPU load) allowing efficient data handling.
The following aspects have been considered:
• Data buffer capability
The standard buffer capability includes a double word buffer for receive data and a
single word buffer for transmit data. This allows longer CPU reaction times (e.g.
interrupt latency).
• Additional FIFO buffer capability
In addition to the standard buffer capability, the received data and the data to be
transmitted can be buffered in a FIFO buffer structure. The size of the receive and the
transmit FIFO buffer can be programmed independently. Depending on the
application needs, a total buffer capability of 64 data words can be assigned to the
receive and transmit FIFO buffers of a USIC module (the two channels of the USIC
module share the 64 data word buffer).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com