Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 98 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 98 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 94Page - Infineon Technologies AG XC2000 Datasheet HTML 95Page - Infineon Technologies AG XC2000 Datasheet HTML 96Page - Infineon Technologies AG XC2000 Datasheet HTML 97Page - Infineon Technologies AG XC2000 Datasheet HTML 98Page - Infineon Technologies AG XC2000 Datasheet HTML 99Page - Infineon Technologies AG XC2000 Datasheet HTML 100Page - Infineon Technologies AG XC2000 Datasheet HTML 101Page - Infineon Technologies AG XC2000 Datasheet HTML 102Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Memory Organization
Preliminary
User’s Manual
3-36
V1.0, 2007-06
MemoryX2K, V1.1
retention, i.e. after a while they may toggle. This dangerous state can be detected with
“read margins”.
Reading with “hard read 0 margin” returns weak 0s as 1s and reading with “hard read 1
margin” returns weak 1s as 0s. Changing the read margin is done with the command
sequence “Change Read Margin” and is reported by the status register “IMB_MAR”.
In order to detect cells that will likely fail in the near future all used flash memory ranges
can be read with both hard reads regularly. If both read values are the same and no read
error occurs nothing has to be done. If this check fails there is still a good chance that
the normal read will return the correct value (or at least has only a correctable one-bit
error). After erasing the page this value can be programmed again to ensure long-term
readability of this data.
In case of using the page erase care must be taken not to exceed the drain disturb limit
of the other pages of the same sector.
3.9.5.4
Protection Overview
The flash memory supports read and write protection for the whole memory and
separate write protection for each logical sector. The logical sector structure is depicted
in Figure 3-6.
Figure 3-6
Logical Sectors
If read protection is installed and active, any flash read access is disabled in case of start
after reset from external memory or from internal RAM. Debug access is as well disabled
and thus the execution of injected OCDS instructions. In case of start after reset in
flash_array_logsectors_diagram.vsd
256 KB Array
Phys.
Sector
Number
0
63
Logical
Grouping
Logical
Sector
Address
0
63
4
8
12
16
32
48
Logical
Sector
Number
0 - 3 = 4 * 4 KB
4 = 16 KB
5 = 16 KB
6 = 12 KB/16 KB
7 = 64 KB
8 = 64 KB
9 = 64 KB
Phys. Sector 15
Reserved in
Flash 0
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com