Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 102 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 102 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 98Page - Infineon Technologies AG XC2000 Datasheet HTML 99Page - Infineon Technologies AG XC2000 Datasheet HTML 100Page - Infineon Technologies AG XC2000 Datasheet HTML 101Page - Infineon Technologies AG XC2000 Datasheet HTML 102Page - Infineon Technologies AG XC2000 Datasheet HTML 103Page - Infineon Technologies AG XC2000 Datasheet HTML 104Page - Infineon Technologies AG XC2000 Datasheet HTML 105Page - Infineon Technologies AG XC2000 Datasheet HTML 106Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Memory Organization
Preliminary
User’s Manual
3-40
V1.0, 2007-06
MemoryX2K, V1.1
The command “Disable Read Protection” sets RPRODIS to 1 if the correct passwords
that are stored in SecP0 are supplied. If incorrect passwords are entered the bit PROER
is set and RPRODIS stays unchanged. As protection against “brute force attacks” that
search the correct password the password detection is locked. So after supplying the
first incorrect password all following passwords even the correct ones are rejected with
PROER. This state is only left by an Application Reset or by erasing SecP0.
The disabled protection can be enabled again by the Application Reset or by the
command “Re-Enable Read/Write Protection” which clears RPRODIS again.
The bit PROER can be reset by an Application Reset or by the commands “Reset to
Read” and “Clear Status”.
The command “Disable Write Protection” sets WPRODIS to 1 if the correct passwords
are supplied. It behaves analog to RPRODIS as described above.
The command “Re-Enable Read/Write Protection” clears RPRODIS and WPRODIS.
The commands “Enter Page Mode”, “Enter Security Page Mode”, “Erase Page”,
“Erase Security Page” and “Erase Sector” set PROER if the write access to the
addressed range is not allowed. If a write access is allowed or not is determined by the
next level.
Table 3-4 summarizes how the “Flash State” of protection determines the RPA and WPA
fields of IMB_IMBCTR. For the double bits a short notation is used here and in the
following sections: 1 means active, 0 means inactive, ‘#’ means invalid and ‘–’ means do
not care including invalid states. The symbol ‘|’ means logic or.
Table 3-4
“Flash State” Determining RPA and WPA
IMB_
FSR.
PROI
N
IMB_
FSR.
PROI
NER
IMB_
FSR.
RPR
O
IMB_
FSR.
RPR
ODIS
IMB_
FSR.
WPR
ODIS
Resulting Security Level in RPA and WPA
0
0
–
–
–
Non-protected state:
RPA = 0, WPA = 0.
1
0
Protection installed state (possibly disabled,
see below):
0
–
0
RPA = 0, WPA = 1.
0
0
1
RPA = 0, WPA = 0.
1 | #
0
0
RPA = 1, WPA = 1.
–
1
1
RPA = 0, WPA = 0 (all disabled).
1 | #
0
1
RPA = 1, WPA = 0.
1 | #
1
0
RPA = 0, WPA = 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com