Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 105 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 105 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 101Page - Infineon Technologies AG XC2000 Datasheet HTML 102Page - Infineon Technologies AG XC2000 Datasheet HTML 103Page - Infineon Technologies AG XC2000 Datasheet HTML 104Page - Infineon Technologies AG XC2000 Datasheet HTML 105Page - Infineon Technologies AG XC2000 Datasheet HTML 106Page - Infineon Technologies AG XC2000 Datasheet HTML 107Page - Infineon Technologies AG XC2000 Datasheet HTML 108Page - Infineon Technologies AG XC2000 Datasheet HTML 109Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Memory Organization
Preliminary
User’s Manual
3-43
V1.0, 2007-06
MemoryX2K, V1.1
•
A successful “Disable Write Protection” sets WPRODIS and clears WPA.
•“Re-Enable Read/Write Protection” clears RPRODIS and WPRODIS and sets RPA
and WPA according to Table 3-4 depending on PROIN, PROINER and RPRO.
Double indirect by changing security pages. After executing a command sequence that
changed the content of a security page the IMB Core immediately reads back the pages
and determines all resulting security data as described for system startup in
“Initialization of the Effective Security Level” on Page 3-42. The examples in
“Protection Handling Examples” on Page 3-45 will show how this can be used for
installing and removing protection or changing passwords.
3.9.6.4
Reaction on Protection Violation
If software tries to violate the protection rules the following happens:
•
Reading data when read protection is effective: The bit IMB_FSR.PROER is set and
the Flash access trap can be triggered via the SCU if IMB_INTCTR.DPROTRP is 0.
Default data is delivered.
•
Fetching code when read protection is effective: the trap code “TRAP 15D” is
delivered instead.
•
Programming or erasing memory ranges when they are write protected: PROER is
set.
3.9.6.5
Layout of the Security Pages
The previous sections just mentioned the content of the security pages. This section
depicts their exact layout. Figure 3-8 depicts symbolically the layout of the security
pages 0 and 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com