Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 109 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 109 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 105Page - Infineon Technologies AG XC2000 Datasheet HTML 106Page - Infineon Technologies AG XC2000 Datasheet HTML 107Page - Infineon Technologies AG XC2000 Datasheet HTML 108Page - Infineon Technologies AG XC2000 Datasheet HTML 109Page - Infineon Technologies AG XC2000 Datasheet HTML 110Page - Infineon Technologies AG XC2000 Datasheet HTML 111Page - Infineon Technologies AG XC2000 Datasheet HTML 112Page - Infineon Technologies AG XC2000 Datasheet HTML 113Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Memory Organization
Preliminary
User’s Manual
3-47
V1.0, 2007-06
MemoryX2K, V1.1
3.9.8
EEPROM Emulation
The flash memory of the XC2000 is used for three purposes:
1. Storage of program code. Updates happen usually very seldom. The main criteria to
be fulfilled is a retention of the life-time of the product.
2. Storage of constant data: this data is stored together with program code. So this data
is very seldom updated. Endurance is of no issue here but retention identical to the
code memory is required.
3. Data updated during run-time: this might be data with a very high frequency of
updates like a mileage counter or access keys for key-less entry. Other data might
be changed only in case of failures and other data might only be transferred from
RAM to non-volatile memory before the system is powered down.
Especially for the third type of data the non-volatile memory needs EEPROM like
characteristics:
•
Fine program/erase granularity which is in EEPROMs typically 1 byte.
•
Higher endurance than the intrinsic endurance of flash cells.
•
Short program and erase duration per byte. Especially for storing data in an
emergency (e.g. power failure) short latencies might be required.
A basic requirement for changing data during run-time is that code execution can still
resume, especially interrupt requests must still be serviced. This requirement is fulfilled
in the XC2000 because all three flash modules work independently. If one is busy with
program or erase then code can still be executed from the other two.
The other requirements are more difficult to fulfill because the XC2000 does not have an
EEPROM available but only the flash memory with the already frequently mentioned
limitations: big program/erase granularity, moderately long program/erase duration,
limited cell endurance with reduced retention at high number of program/erase cycles,
pages not isolated but affected by drain disturbs.
In order to alleviate these effects on run-time storage of data software is used to emulate
EEPROM. There is quite a number of algorithms for efficiently using flash memory as
EEPROM. The following section describes one (the most simple) of these algorithms.
It should be noted that the XC2000 does not offer the customer any hardware means for
EEPROM emulation. All of the following must be realized by software.
3.9.8.1
The Traditional EEPROM Emulation
This algorithm was already used in the Pegasus devices. The key point is to solve the
limited endurance by storing data in N different physical places. In XC2000 the algorithm
would use N sequential pages or groups of pages. If data is currently stored in the page
“x” then the next program happens to the page “(x+1) mod N”. The software typically
stores the current address in a table in RAM to avoid searching for the page at every
access.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com