Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 113 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 113 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 109Page - Infineon Technologies AG XC2000 Datasheet HTML 110Page - Infineon Technologies AG XC2000 Datasheet HTML 111Page - Infineon Technologies AG XC2000 Datasheet HTML 112Page - Infineon Technologies AG XC2000 Datasheet HTML 113Page - Infineon Technologies AG XC2000 Datasheet HTML 114Page - Infineon Technologies AG XC2000 Datasheet HTML 115Page - Infineon Technologies AG XC2000 Datasheet HTML 116Page - Infineon Technologies AG XC2000 Datasheet HTML 117Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 113 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Memory Organization
Preliminary
User’s Manual
3-51
V1.0, 2007-06
MemoryX2K, V1.1
instructions on the predicted branch in advance. In case of a misprediction this interface
can abort outstanding requests and continues fetching on the correct branch. As the
CPU can consume up to one 32-bit instruction per clock cycle the performance of this
interface determines the CPU performance.
The data bus is controlled by the data management unit “DMU” of the CPU. It reads data
in words of 16 bits. Write accesses address as well 16-bit words but additional byte
enables allow changing single bytes.
Because of the CPU’s “von Neumann” architecture data and instructions (and “special
function registers” to complete the list) share a common address range. When
instructions are used as data (e.g. when copying code from an IO interface to the
PSRAM) they are accessed via the data bus. The pipelined behavior of the CPU can
cause that code fetches and data accesses are requested simultaneously. The IMB
takes care that accesses can perform concurrently if they address different memories or
flash modules.
Additional connections of the IMB to central system control units exist. These are not
shown in the block diagram.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com