Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 116 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 116 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 112Page - Infineon Technologies AG XC2000 Datasheet HTML 113Page - Infineon Technologies AG XC2000 Datasheet HTML 114Page - Infineon Technologies AG XC2000 Datasheet HTML 115Page - Infineon Technologies AG XC2000 Datasheet HTML 116Page - Infineon Technologies AG XC2000 Datasheet HTML 117Page - Infineon Technologies AG XC2000 Datasheet HTML 118Page - Infineon Technologies AG XC2000 Datasheet HTML 119Page - Infineon Technologies AG XC2000 Datasheet HTML 120Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Memory Organization
Preliminary
User’s Manual
3-54
V1.0, 2007-06
MemoryX2K, V1.1
IMB control high word. The WPA and RPA fields are described in “Protection Handling
Details” on Page 3-38.
DDF
[15:14] rw
Disable Data Read from Flash Memory
“01”: Short notation DDF = 1. If RPA = 1 data cannot
be read from flash memory. If RPA = 0 this
field has no effect.
“10”: Short notation DDF = 0. Data can be read
independent of RPA.
“00” | “11”: Illegal state. Has the same effect as “01”.
This state can only be left by an Application
Reset.
During startup or test mode or when RPA = 0
software can change this field to any value.
Otherwise data reads can only be disabled but not
enabled anymore until the next Application Reset.
IMB_IMBCTRH
IMB Control High
ISFR (FF FF02H)
Reset value: 0005H
15
14
13
12
11
10
9
8765
432
10
PSPROT
–
–
–
–
RPA
WPA
rw
–––
–
rh
rh
Field
Bits
Typ Description
WPA
[1:0]
rh
Write Protection Activated
“01”: Short notation WPA = 1. The write protection
of the flash memory is activated.
“10”: Short notation WPA = 0. The write protection
is not activated.
“00” | “11”: Illegal state. Same effect as “01”. The
illegal state can only be left by an Application
Reset.
This field is only changed by the IMB Core. Software
writes are ignored.
Field
Bits
Typ Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com