Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 118 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 118 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 114Page - Infineon Technologies AG XC2000 Datasheet HTML 115Page - Infineon Technologies AG XC2000 Datasheet HTML 116Page - Infineon Technologies AG XC2000 Datasheet HTML 117Page - Infineon Technologies AG XC2000 Datasheet HTML 118Page - Infineon Technologies AG XC2000 Datasheet HTML 119Page - Infineon Technologies AG XC2000 Datasheet HTML 120Page - Infineon Technologies AG XC2000 Datasheet HTML 121Page - Infineon Technologies AG XC2000 Datasheet HTML 122Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Memory Organization
Preliminary
User’s Manual
3-56
V1.0, 2007-06
MemoryX2K, V1.1
Field
Bits
Typ Description
IEN
0
rw
Interrupt Enable
If set, the interrupt signal of the IMB gets activated
when ISR is set.
DIDTRP
1
rw
Disable Instruction Fetch Double Bit Error Trap
If set, a double bit ECC error does not cause the
replacement of the fetched data by a trap instruction.
DDDTRP
2
rw
Disable Data Read Double Bit Error Trap
If set, a double bit ECC error during data read does
not trigger the Flash access hardware trap.
DPROTRP
3
rw
Disable Protection Trap
If set, a read request from read protected flash
memory does not trigger the Flash access hardware
trap.
ICLR
8
w
Interrupt Clear
When written with 1 the ISR is cleared. Reading this
bit delivers always 0. Writing a 0 is ignored.
ISET
9
w
Interrupt Set
When written with 1 the ISR is set and if IEN is set
the interrupt signal is activated. Reading this bit
delivers always 0. Writing a 0 is ignored. When
writing ISET and ICLR to 1 concurrently ISET takes
priority so ISR is set.
PSERCLR
10
w
Clear PSRAM Error Flag
When written with 1 the PSER is cleared. Reading
this bit delivers always 0. Writing a 0 is ignored.
PSER
14
rh
PSRAM Error Flag
This flag is set when write requests to the write
protected or not implemented PSRAM range are
detected. This flag can be cleared by writing 1 to
PSERCLR.
ISR
15
rh
Interrupt Service Request
If set, it indicates that at least one IMB_FSR.BUSY
bit changed from 1 to 0. If IEN was set an interrupt
request is sent to the interrupt controller. After
servicing the interrupt the software handler clears
this flag by writing a 1 to ICLR.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com