Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 121 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 121 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 117Page - Infineon Technologies AG XC2000 Datasheet HTML 118Page - Infineon Technologies AG XC2000 Datasheet HTML 119Page - Infineon Technologies AG XC2000 Datasheet HTML 120Page - Infineon Technologies AG XC2000 Datasheet HTML 121Page - Infineon Technologies AG XC2000 Datasheet HTML 122Page - Infineon Technologies AG XC2000 Datasheet HTML 123Page - Infineon Technologies AG XC2000 Datasheet HTML 124Page - Infineon Technologies AG XC2000 Datasheet HTML 125Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Memory Organization
Preliminary
User’s Manual
3-59
V1.0, 2007-06
MemoryX2K, V1.1
OPER
5
rh
Operation Error
The IMB Core maintains internal bits that are set
when starting a program or erase process. They are
cleared when this process finishes. These bits are
not reset by an Application Reset but only by a
System Reset. If one of these bits is set after
Application Reset the IMB Core sets OPER. So this
signals that a running erase or program process was
interrupted by an Application Reset.
The OPER is cleared by “Reset to Read”, “Clear
Status” or a System Reset.
IMB_FSR_PROT
Flash State Protection
ISFR (FF FF0AH)
Reset value: x000H
15
14
13
12
11
10
9
8765
432
10
RPRO
–
–
DDB
ER
DSB
ER
IDBE
R
ISBE
R
–––
PRO
ER
WPR
ODIS
RPR
ODIS
PROI
NER
PROI
N
rh
––
rh
rh
rh
rh
–––
rh
rh
rh
rh
rh
Field
Bits
Typ Description
PROIN
0
rh
Flash Protection Installed
Modified by the IMB Core. Cleared by Application
Reset.
PROINER
1
rh
Flash Protection Installation Error
Modified by the IMB Core. Cleared by Application
Reset.
RPRODIS
2
rh
Read Protection Disabled
The read protection was temporarily disabled with
the “Disable Read Protection” command. Modified
by the IMB Core. Cleared by Application Reset.
WPRODIS
3
rh
Write Protection Disabled
The write protection was temporarily disabled with
the “Disable Write Protection” command. Modified
by the IMB Core. Cleared by Application Reset.
Field
Bits
Typ Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com