Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 57 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 57 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 53Page - Infineon Technologies AG XC2000 Datasheet HTML 54Page - Infineon Technologies AG XC2000 Datasheet HTML 55Page - Infineon Technologies AG XC2000 Datasheet HTML 56Page - Infineon Technologies AG XC2000 Datasheet HTML 57Page - Infineon Technologies AG XC2000 Datasheet HTML 58Page - Infineon Technologies AG XC2000 Datasheet HTML 59Page - Infineon Technologies AG XC2000 Datasheet HTML 60Page - Infineon Technologies AG XC2000 Datasheet HTML 61Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Architectural Overview
Preliminary
User’s Manual
2-29
V1.0, 2007-06
ArchitectureX2K, V1.0
MultiCAN Features
• CAN functionality conforms to CAN specification V2.0 B active for each CAN node
(compliant to ISO 11898)
• Up to Five independent CAN nodes
• Up to 128 independent message objects (shared by the CAN nodes)
• Dedicated control registers for each CAN node
• Data transfer rate up to 1 Mbit/s, individually programmable for each node
• Flexible and powerful message transfer control and error handling capabilities
• Full-CAN functionality for message objects:
– Can be assigned to one of the CAN nodes
– Configurable as transmit or receive objects, or as message buffer FIFO
– Handle 11-bit or 29-bit identifiers with programmable acceptance mask for filtering
– Remote Monitoring Mode, and frame counter for monitoring
• Automatic Gateway Mode support
• 16 individually programmable interrupt nodes
• Analyzer mode for CAN bus monitoring
Watchdog Timer
The Watchdog Timer represents one of the fail-safe mechanisms which have been
implemented to prevent the controller from malfunctioning for longer periods of time.
The Watchdog Timer is always enabled after a reset of the chip, and can be disabled
and enabled at any time by executing instructions DISWDT and ENWDT. Thus, the
chip’s start-up procedure is always monitored. The software has to be designed to restart
the Watchdog Timer before it overflows. If, due to hardware or software related failures,
the software fails to do so, the Watchdog Timer overflows and generates an internal
hardware reset and pulls the RSTOUT pin low in order to allow external hardware
components to be reset.
The Watchdog Timer is a 16-bit timer, clocked with the system clock divided by 16,384
or 256. The high byte of the Watchdog Timer register can be set to a prespecified reload
value (stored in WDTREL) to allow further variation of the monitored time interval. Each
time it is serviced by the application software, the high byte of the Watchdog Timer is
reloaded and the low byte is cleared.
Thus, time intervals between 3.9
µs and 16.3 s can be monitored (@ 66 MHz).
The default Watchdog Timer interval after reset is 6.5 ms (@ 10 MHz).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com