Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 67 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 67 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 63Page - Infineon Technologies AG XC2000 Datasheet HTML 64Page - Infineon Technologies AG XC2000 Datasheet HTML 65Page - Infineon Technologies AG XC2000 Datasheet HTML 66Page - Infineon Technologies AG XC2000 Datasheet HTML 67Page - Infineon Technologies AG XC2000 Datasheet HTML 68Page - Infineon Technologies AG XC2000 Datasheet HTML 69Page - Infineon Technologies AG XC2000 Datasheet HTML 70Page - Infineon Technologies AG XC2000 Datasheet HTML 71Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Memory Organization
Preliminary
User’s Manual
3-5
V1.0, 2007-06
MemoryX2K, V1.1
Figure 3-3
Special Function Register Mapping
Note: The upper 256 bytes of SFR area, ESFR area, and internal RAM are bit-
addressable (see hashed blocks in Figure 3-3).
Special Function Registers
The functions of the CPU, the bus interface, the IO ports, and the on-chip peripherals of
the XC2000 are controlled via a number of Special Function Registers (SFRs).
All Special Function Registers can be addressed via indirect and long 16-bit addressing
modes. The (word) SFRs and their respective low bytes in the SFR/ESFR areas can be
addressed using an 8-bit offset together with an implicit base address. However, this
does not work for the respective high bytes!
Note: Writing to any byte of an SFR causes the not addressed complementary byte to
be cleared.
x c 2000_regareas. v s d
00'E000H
ADC
00'E200H
Reserved
00'E400H
Reserved
00'E600H
Reserved
00'E800
H
Ports
00'EA00H
CC6
00'EC00H
Interrupt/PEC
00'EE00H
EBC
00'F000H
00'F200H
Reserved for
DPRAM
00'F400H
00'F600H
00'F800H
00'FA00H
00'FC00
H
00'FE00H
ESFRs
DPRAM
SFRs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com