Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 89 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 89 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 85Page - Infineon Technologies AG XC2000 Datasheet HTML 86Page - Infineon Technologies AG XC2000 Datasheet HTML 87Page - Infineon Technologies AG XC2000 Datasheet HTML 88Page - Infineon Technologies AG XC2000 Datasheet HTML 89Page - Infineon Technologies AG XC2000 Datasheet HTML 90Page - Infineon Technologies AG XC2000 Datasheet HTML 91Page - Infineon Technologies AG XC2000 Datasheet HTML 92Page - Infineon Technologies AG XC2000 Datasheet HTML 93Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Memory Organization
Preliminary
User’s Manual
3-27
V1.0, 2007-06
MemoryX2K, V1.1
The argument “MR” defines the read margin:
•00H: normal read margin.
•01H: hard read 0 margin.
•02H: alternate hard read 0 margin.
•05H: hard read 1 margin.
•06H: alternate hard read 1 margin.
•
Other values: reserved.
For understanding the read margins please refer to “Read Margins” on Page 3-35.
This command must not be issued when the flash memory is in page mode. In this case
it is ignored and a sequence error is reported.
Note: As noted in “Margin Control” on Page 3-60 the command sequences “Program
Page”, “Erase Sector”, “Erase Page” and “Erase Security Page” reset the read
margin back to 00H, i.e. to the normal read margin. The same happens in case of
a flash wake-up.
Enter Page Mode
Arguments: PA
Definition:
MOV XXAAH, XX50H
MOV PA, XXAAH
Timing: 2-cycle command that sets “BUSY” for around 100 clock cycles.
Description: The page mode is entered to prepare a page programming operation on
page address PA. (Write data are accepted only with the “Load Page Word” command.)
With this command, the IMB Core initializes the write pointer of its block assembly
register to zero so that it points to the first word. The page mode is indicated in the status
register IMB_FSR with the PAGE bit, separately for each flash module. The page mode
and the read mode are allowed in parallel at the same time and in the same flash module
so the flash module stays readable. When the addressed page PA is read the content of
the flash memory is delivered. The page mode can be aborted and the related PAGE bit
in IMB_FSR be cleared with the “Reset to Read” command. A new “Enter Page Mode”
command during page mode aborts the actual page mode, which is indicated with the
error flag SQER, and restarts a new page operation. So as mentioned above only one
of the flash modules can be in page mode at a time. If one of the erase commands or the
“Change Read Margin” command are received while in page mode it is ignored and a
sequence error is reported.
If write protection is installed for the sector to be programmed, the “Enter Page Mode”
command is only accepted when write protection has before been disabled using the
unlock command sequence “Disable Write Protection” with four passwords. If global
write protection is installed with read protection, also the command “Disable Read
Protection” can be used if no sector specific protection is installed. If write protection is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com