| Electronic Components Datasheet Search |
|
XC2000 Datasheet(PDF) 84 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
XC2000 Datasheet(HTML) 84 Page - Infineon Technologies AG |
|
84 / 647 page ![]() XC2000 Derivatives System Units (Vol. 1 of 2) Memory Organization Preliminary User’s Manual 3-22 V1.0, 2007-06 MemoryX2K, V1.1 3.9.3 Operations The flash memory supports the following operations: • Instruction fetch. • Data read. • Command sequences to change data and control the protection. 3.9.3.1 Instruction Fetch from Flash Memory Instructions are fetched by the PMU in groups of aligned 64 bits. These code requests are forwarded to the flash memory. It needs a varying number of cycles (depending on the system clock frequency) to perform the read access. The number of cycles must be known to the IMB Core because the flash does not signal data availability. The number of wait-cycles is therefore stored in the IMB_IMBCTRL register. One read access to the flash memory delivers 128 data bits and a 9-bit ECC value. The ECC value is used to detect and possibly correct errors. The addressed 64-bit part of the 128-bit chunk is sent to the PMU. The complete 128 data bits and the 9 ECC bits are stored in the IMB Core with their address. If a succeeding fetch request matches this address the data is delivered from the buffer without performing a read access in the flash memory. The delivery from the buffer happens after one cycle. The flash read wait- cycles are not waited. The stored data are a kind of instruction cache. In order to support self-modifying code (e.g. boot loaders) this cache is invalidated when the corresponding address is written (i.e. erased or programmed). In addition to this fetch buffer the IMB Core has an additional performance increasing feature — the Linear Code Pre-Fetch. When this feature is enabled with IMB_IMBCTRL.DLCPF = 0 the IMB Core fetches autonomously the following instructions while the CPU executes from its own buffers or the fetch buffer. As this feature is fetching only the linear successors (it does not analyze the code stream) it is most effective for code with longer linear sequences. For code with a high density of jumps and calls it can even cause a reduction of performance and should be switched off. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |