Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 85 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 85 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 81Page - Infineon Technologies AG XC2000 Datasheet HTML 82Page - Infineon Technologies AG XC2000 Datasheet HTML 83Page - Infineon Technologies AG XC2000 Datasheet HTML 84Page - Infineon Technologies AG XC2000 Datasheet HTML 85Page - Infineon Technologies AG XC2000 Datasheet HTML 86Page - Infineon Technologies AG XC2000 Datasheet HTML 87Page - Infineon Technologies AG XC2000 Datasheet HTML 88Page - Infineon Technologies AG XC2000 Datasheet HTML 89Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Memory Organization
Preliminary
User’s Manual
3-23
V1.0, 2007-06
MemoryX2K, V1.1
3.9.3.2
Data Reads from Flash Memory
Data reads are issued by the DMU. Data is always requested in 16-bit words. The flash
memory delivers for every read request 128 bits plus ECC as described in “Instruction
Fetch from Flash Memory” on Page 3-22.
The IMB Core has to get all 128 bits to evaluate the ECC data. The requested 16 bits will
be delivered to the DMU. All data and ECC bits are kept in the data register and their
address is kept in the address register. For all following data reads the address is
compared with the address register and in case of a match the data is delivered after one
cycle from the data register. Every data read that is not delivered from this cache
invalidates the cache content. When the requested data arrives the cache contains again
valid data.
This small data cache is invalidated when a write (i.e. erase or program) access to this
address happens.
For data reads the IMB Core does not perform any autonomous pre-fetching.
3.9.3.3
Data Writes to Flash Memory
Flash memory content can not be changed by directly writing data to this memory.
Command sequences are used to execute all other operations in the flash except
reading. Command sequences consist of data writes with certain data to the flash
memory address range. All data moves targeting this range are interpreted as command
sequences. If they do not match a defined one or if the IMB Core is busy with executing
a sequence (i.e. it is in “command mode”) a sequence error is reported.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com