Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 65 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 65 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 61Page - Infineon Technologies AG XC2000 Datasheet HTML 62Page - Infineon Technologies AG XC2000 Datasheet HTML 63Page - Infineon Technologies AG XC2000 Datasheet HTML 64Page - Infineon Technologies AG XC2000 Datasheet HTML 65Page - Infineon Technologies AG XC2000 Datasheet HTML 66Page - Infineon Technologies AG XC2000 Datasheet HTML 67Page - Infineon Technologies AG XC2000 Datasheet HTML 68Page - Infineon Technologies AG XC2000 Datasheet HTML 69Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Memory Organization
Preliminary
User’s Manual
3-3
V1.0, 2007-06
MemoryX2K, V1.1
3.1
Address Mapping
All the various memory areas and peripheral registers (see Table 3-1) are mapped into
one contiguous address space. All sections can be accessed in the same way. The
memory map of the XC2000 contains some reserved areas, so future derivatives can be
enhanced in an upward-compatible fashion.
Table 3-1
XC2000 Memory Map 1)
Address Area
Start Loc. End Loc.
Area Size2)
Notes
IMB register space
FF’FF00H FF’FFFFH 256 Bytes
Reserved (access trap)
F0’0000H
FF’FEFFH < 1 MByte
Minus IMB registers.
Reserved for EPSRAM
E9’0000H EF’FFFFH 448 KBytes
EPSRAM
E8’0000H E8’FFFFH 64 KBytes
PSRAM with Flash
timing.
Reserved for PSRAM
E1’0000H E7’FFFFH 448 KBytes
PSRAM
E0’0000H E0’FFFFH 64 KBytes
Program SRAM.
Reserved for Flash
CC’0000H DF’FFFFH <1.25 MBytes
Flash 2
C8’0000H CB’FFFFH 256 KBytes
Flash 1
C4’0000H C7’FFFFH 256 KBytes
Flash 0
C0’0000H C3’FFFFH 252 KBytes
3)
Minus res. seg.
External memory area
40’0000H
BF’FFFFH 8 MBytes
External IO area4)
20’5800H
3F’FFFFH < 2 MBytes
Minus CAN/USIC
USIC registers
20’4000H
20’57FFH 6 KBytes
Accessed via EBC
MultiCAN registers
20’0000H
20’3FFFH 16 KBytes
Accessed via EBC
External memory area
01’0000H
1F’FFFFH < 2 MBytes
Minus segment 0
SFR area
00’FE00H 00’FFFFH 0.5 KBytes
Dual-port RAM
(DPRAM)
00’F600H
00’FDFFH 2 KBytes
Reserved for DPRAM
00’F200H
00’F5FFH 1 KBytes
ESFR area
00’F000H
00’F1FFH 0.5 KBytes
XSFR area
00’E000H 00’EFFFH 4 KBytes
Data SRAM (DSRAM)
00’A000H 00’DFFFH 16 KBytes
Reserved for DSRAM
00’8000H
00’9FFFH 8 KBytes
External memory area
00’0000H
00’7FFFH 32 KBytes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com