Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 82 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 82 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 78Page - Infineon Technologies AG XC2000 Datasheet HTML 79Page - Infineon Technologies AG XC2000 Datasheet HTML 80Page - Infineon Technologies AG XC2000 Datasheet HTML 81Page - Infineon Technologies AG XC2000 Datasheet HTML 82Page - Infineon Technologies AG XC2000 Datasheet HTML 83Page - Infineon Technologies AG XC2000 Datasheet HTML 84Page - Infineon Technologies AG XC2000 Datasheet HTML 85Page - Infineon Technologies AG XC2000 Datasheet HTML 86Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Memory Organization
Preliminary
User’s Manual
3-20
V1.0, 2007-06
MemoryX2K, V1.1
Figure 3-5
Flash Structure
3.9.2
Operating Modes
The IMB and the flash memory and each flash module have certain modes of operation.
Some modes define clocking and power supply and the operating state of the analog
logic as oscillators and voltage pumps. Overall system modes (e.g. startup mode)
influence the behavior or the flash memory as well.
Other modes define the functional behavior. These will be discussed here.
3.9.2.1
Standard Read Mode
After reset and after performing a clean startup the flash memory with all its modules is
in “standard read mode”. In this mode it behaves as an on-chip ROM. This mode is
entered:
•
After reset when the complete start-up has been performed.
•
After completion of a longer lasting command like “erase” or “program” which is
acknowledged by clearing the “busy” flag.
•
Immediately after each other command execution.
flash_array_userview_diagram.vsd
256 KB
Array
Sect or
Num ber
0
1
2
63
Sector
P age
Num ber
0
1
2
31
Page
Block
Num ber
0
1
2
7
Sector
Page
Block
137 Bits
9 Bits ECC
128 Bits Data
Combined flash memory byte address
Array
[1:0]
[][
][
][
][
]
.. .. .. . . . . .. . . .. . . . .
Sect or
[5:0]
P age
[4: 0]
Block
[2: 0]
Byte
[3:0]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com