| Electronic Components Datasheet Search |
|
XC2000 Datasheet(PDF) 22 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
XC2000 Datasheet(HTML) 22 Page - Infineon Technologies AG |
|
22 / 647 page ![]() XC2000 Derivatives System Units (Vol. 1 of 2) Introduction Preliminary User’s Manual 1-4 V1.0, 2007-06 Intro, V1.0 the 16-bit controller family. This power management mechanism provides an effective means to control the power that is consumed in a certain state of the controller and thus minimizes the overall power consumption for a given application. The XC16x derivatives represent the fourth generation of the 16-bit controller family. The XC166 Family dramatically increases the performance of 16-bit microcontrollers by several major improvements and additions. The MAC-unit adds DSP-functionality to handle digital filter algorithms and greatly reduces the execution time of multiplications and divisions. The 5-stage pipeline, single-cycle execution of most instructions, and PEC-transfers within the complete addressing range increase system performance. Debugging the target system is supported by integrated functions for On-Chip Debug Support (OCDS). The present XC2000 Family of microcontrollers builds the fifth generation of 16-bit microcontrollers which provides 32-bit performance and takes users and applications a considerable step towards industry’s target of systems on chip. Integrated memories and peripherals allow compact systems, the integrated core power supply and control reduces system requirements to one single voltage supply, the powerful combination of CPU and MAC-unit is unleashed by optimized compilers. This leaves no performance gap towards 32-bit systems. A variety of different versions is provided which offer various kinds of on-chip program memory1): • Mask-programmable ROM • Flash memory • OTP memory • ROMless without non-volatile memory. Also there are devices with specific functional units. The devices may be offered in different packages, temperature ranges and speed classes. Additional standard and application-specific derivatives are planned and are in development. Note: Not all derivatives will be offered in all temperature ranges, speed classes, packages, or program memory variations. Information about specific versions and derivatives will be made available with the devices themselves. Contact your Infineon representative for up-to-date material or refer to http://www.infineon.com/microcontrollers. Note: As the architecture and the basic features, such as the CPU core and built-in peripherals, are identical for most of the currently offered versions of the XC2000, descriptions within this manual that refer to the “XC2000” also apply to the other variations, unless otherwise noted. 1) Not all derivatives are offered with all kinds of on-chip memory. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |