Electronic Components Datasheet Search
  English  ▼

X  

XC2000 Datasheet(PDF) 25 Page - Infineon Technologies AG

Part # XC2000
Description  16/32-Bit Single-Chip Microcontroller with 32-Bit Performance Volume 1 (of 2): Peripheral Units
PDF  647 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XC2000 Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button XC2000 Datasheet HTML 21Page - Infineon Technologies AG XC2000 Datasheet HTML 22Page - Infineon Technologies AG XC2000 Datasheet HTML 23Page - Infineon Technologies AG XC2000 Datasheet HTML 24Page - Infineon Technologies AG XC2000 Datasheet HTML 25Page - Infineon Technologies AG XC2000 Datasheet HTML 26Page - Infineon Technologies AG XC2000 Datasheet HTML 27Page - Infineon Technologies AG XC2000 Datasheet HTML 28Page - Infineon Technologies AG XC2000 Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 647 page
background image
XC2000 Derivatives
System Units (Vol. 1 of 2)
Introduction
Preliminary
User’s Manual
1-7
V1.0, 2007-06
Intro, V1.0
• Controller Area Network (MultiCAN) Module, Rev. 2.0B active,
up to five nodes operating independently or exchanging data via a gateway function,
Full-CAN/Basic-CAN
• Real Time Clock with alarm interrupt
• Watchdog Timer with programmable time intervals
• Bootstrap Loader for flexible system initialization
• Protection management for system configuration and control registers
On-Chip Debug Support
• On-chip debug controller and related interface to JTAG controller
• JTAG interface and break interface
• Hardware, software and external pin breakpoints
• Up to 4 instruction pointer breakpoints
• Debug event control, e.g. with monitor call or CPU halt or trigger of data transfer
• Dedicated DEBUG instructions with control via JTAG interface
• Access to any internal register or memory location via JTAG interface
• Single step support and watchpoints with MOV-injection
Up to 118 IO Lines With Individual Bit Addressability
• Tri-stated in input mode
• Push/pull or open drain output mode
• Programmable port driver control
• Two I/O power domains with a supply voltage range from 3.0 V to 5.5 V
(core-logic and oscillator input voltage is 1.5 V)
Various Temperature Ranges
• -40 to +85
°C
• -40 to +125
°C1)
Infineon CMOS Process
• Low power CMOS technology enables power saving Idle, Sleep, and Power Down
modes with flexible power management.
Green Plastic Low-Profile Quad Flat Pack (LQFP) Packages
• PG-LQFP-144, 20
× 20 mm body, 0.5 mm (19.7 mil) lead spacing,
surface mount technology
• PG-LQFP-100, 14
× 14 mm body, 0.5 mm (19.7 mil) lead spacing,
surface mount technology
1) Not all derivatives are offered in all temperature ranges.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com